Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADRF6806ACPZ-R7 Datasheet(PDF) 30 Page - Analog Devices

Part # ADRF6806ACPZ-R7
Description  50 MHz to 525 MHz Quadrature Demodulator with Fractional-N PLL and VCO
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADRF6806ACPZ-R7 Datasheet(HTML) 30 Page - Analog Devices

Back Button ADRF6806ACPZ-R7 Datasheet HTML 26Page - Analog Devices ADRF6806ACPZ-R7 Datasheet HTML 27Page - Analog Devices ADRF6806ACPZ-R7 Datasheet HTML 28Page - Analog Devices ADRF6806ACPZ-R7 Datasheet HTML 29Page - Analog Devices ADRF6806ACPZ-R7 Datasheet HTML 30Page - Analog Devices ADRF6806ACPZ-R7 Datasheet HTML 31Page - Analog Devices ADRF6806ACPZ-R7 Datasheet HTML 32Page - Analog Devices ADRF6806ACPZ-R7 Datasheet HTML 33Page - Analog Devices ADRF6806ACPZ-R7 Datasheet HTML 34Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 36 page
background image
ADRF6806
Data Sheet
Rev. B | Page 30 of 36
ADRF6806 SOFTWARE
The ADRF6806 evaluation board can be controlled from PCs
using a USB adapter board, which is also available from Analog
Devices, Inc.. The USB adapter evaluation documentation and
ordering information can be found on the EVAL-ADF4XXXZ-USB
product page. The basic user interfaces are shown in Figure 48 and
Figure 49.
The software allows the user to configure the ADRF6806 for
various modes of operation. The internal synthesizer is controlled
by clicking on any of the numeric values listed in RF Section.
Attempting to program Ref Input Frequency, PFD Frequency,
VCO Frequency (2×LO)
, LO Frequency, or other values in RF
Section
launches the Synth Form window shown in Figure 49.
Using Synth Form, the user can specify values for Local Oscillator
Frequency (MHz)
and External Reference Frequency (MHz).
The user can also enable the LO output buffer and divider options
from this menu. After setting the desired values, it is important
to click Upload all registers for the new setting to take effect.
Figure 48. Evaluation Board Software Main Window



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com