Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADRF6806ACPZ-R7 Datasheet(PDF) 29 Page - Analog Devices

Part # ADRF6806ACPZ-R7
Description  50 MHz to 525 MHz Quadrature Demodulator with Fractional-N PLL and VCO
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADRF6806ACPZ-R7 Datasheet(HTML) 29 Page - Analog Devices

Back Button ADRF6806ACPZ-R7 Datasheet HTML 25Page - Analog Devices ADRF6806ACPZ-R7 Datasheet HTML 26Page - Analog Devices ADRF6806ACPZ-R7 Datasheet HTML 27Page - Analog Devices ADRF6806ACPZ-R7 Datasheet HTML 28Page - Analog Devices ADRF6806ACPZ-R7 Datasheet HTML 29Page - Analog Devices ADRF6806ACPZ-R7 Datasheet HTML 30Page - Analog Devices ADRF6806ACPZ-R7 Datasheet HTML 31Page - Analog Devices ADRF6806ACPZ-R7 Datasheet HTML 32Page - Analog Devices ADRF6806ACPZ-R7 Datasheet HTML 33Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 36 page
background image
Data Sheet
ADRF6806
Rev. B | Page 29 of 36
Component
Function
Default Condition
R50, R51, R52, C32, C33, C34
Serial port interface. Optional RC filters can be
installed on the CLK, DATA, and LE lines to filter the
PC signals through R50 to R52 and C32 to C34. CLK,
DATA, and LE signals can be observed via test points
for debug purposes.
R50, R51, R52 = open (0402),
C32, C33, C34 = open (0402)
R33, R55, R56, S1
LO select interface. The LOSEL pin, in combination
with the LDRV and LXL bits in Register 5, controls
whether the LOP and LON pins operate as inputs or
outputs. A detailed description of how the LOSEL pin,
LDRV bit, and the LXL bit work together to control
the LOP and LON pins is found in Table 4 under the
LOSEL pin description. Using the S1 switch, the
user can pull LOSEL to a logic high (VCC/2) or a logic
low (ground). Resistors R55 and R56 form a resistor
divider to provide a logic high of VCC/2. LO select
can also be controlled through Pin 9 of J1. The 0 Ω
jumper, R33, must be installed to control LOSEL via J1.
R33 = 0 Ω (0402),
R55, R56 = 10 kΩ (0402),
S1 = Samtec TSW-103-08-G-S
J1, P1, R62, R63
Engineering test points and external control. J1 is a
10-pin connector connected to various important
points on the evaluation board that the user can
measure or force voltages upon. R62 and R63 form
a voltage divider to force a voltage of 1.65 V on
VOCM. Note that Jumper P5 must be connected to
drive VOCM with the resistor divider.
R62 = R63 = 4.99 kΩ (0402),
P1 = Samtec SSW-102-01-G-S,
J1 = Molex Connector Corp. 10-89-7102
U2, U3, U4, P5
Cypress microcontroller, EEPROM, and LDO.
U2 = Microchip Technology Inc. MICRO24LC64,
U3 = Analog Devices, Inc., ADP3334ACPZ,
U4 = Cypress Semiconductor
CY7C68013A-56LTXC,
P5 = mini USB connector
C41, C42, C43, C44, C46, C53, C55
3.3 V supply decoupling. Several capacitors are
used for decoupling the 3.3 V supply.
C41, C42, C43, C44, C46, C53, C55 = 0.1 μF
(0402)
C45, C47, C48, C49, C50, C52, C56,
C57, C58, R19, R60, R61, R62, R64,
R65, R69, R70, CR1, CR2
USB microcontroller section components
C47, C52 = 1 μF (0402),
C48, C56 = 10 pF (0402),
C45, C49, C57, C58 = 0.1 μF (0402),
C50 = 1000 pF (0402),
R19, R60, R61 = 2 kΩ (0402),
R62, R64 = 100 kΩ (0402),
R65 = 2 kΩ (0402),
R69 = 78.7 kΩ (0402),
R70 = 140 kΩ (0402),
CR1 = ROHM Semiconductor SML-21OMTT86,
CR2 = ROHM Semiconductor SML-21OMTT86
Y1, C51, C54
Crystal oscillator (24 MHz) and components.
Y1 = NDK NX3225SA-24MHz,
C51, C54 = 22 pF (0402)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com