Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADRF6806ACPZ-R7 Datasheet(PDF) 14 Page - Analog Devices

Part # ADRF6806ACPZ-R7
Description  50 MHz to 525 MHz Quadrature Demodulator with Fractional-N PLL and VCO
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADRF6806ACPZ-R7 Datasheet(HTML) 14 Page - Analog Devices

Back Button ADRF6806ACPZ-R7 Datasheet HTML 10Page - Analog Devices ADRF6806ACPZ-R7 Datasheet HTML 11Page - Analog Devices ADRF6806ACPZ-R7 Datasheet HTML 12Page - Analog Devices ADRF6806ACPZ-R7 Datasheet HTML 13Page - Analog Devices ADRF6806ACPZ-R7 Datasheet HTML 14Page - Analog Devices ADRF6806ACPZ-R7 Datasheet HTML 15Page - Analog Devices ADRF6806ACPZ-R7 Datasheet HTML 16Page - Analog Devices ADRF6806ACPZ-R7 Datasheet HTML 17Page - Analog Devices ADRF6806ACPZ-R7 Datasheet HTML 18Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 36 page
background image
ADRF6806
Data Sheet
Rev. B | Page 14 of 36
CIRCUIT DESCRIPTION
The ADRF6806 integrates a high performance IQ demodulator
with a state-of-the-art fractional-N PLL. The PLL also integrates
a low noise VCO. The SPI port allows the user to control the
fractional-N PLL functions, the demodulator LO divider functions,
and optimization functions, as well as allowing for an externally
applied LO.
The ADRF6806 uses a high performance mixer core that results
in an exceptional input IP3 and input P1dB, with a very low
output noise floor for excellent dynamic range.
LO QUADRATURE DRIVE
A signal at 2× the desired mixer LO frequency is delivered to
a divide-by-2 quadrature phase splitter followed by limiting
amplifiers which then drive the I and Q mixers, respectively.
V-TO-I CONVERTER
The differential RF input signal is applied to a V-to-I converter
that converts the differential input voltage to output currents. The
V-to-I converter provides a differential 100 Ω input impedance.
The V-to-I bias current can be reduced by putting the device in
low power mode (setting LPEN = 1 by setting Register 5, DB5 = 1).
Generally with LPEN = 1, input IP3 and input P1dB degrade,
but the noise figure is slightly better. Overall, the dynamic range
is reduced by setting LPEN = 1.
MIXERS
The ADRF6806 has two double-balanced mixers: one for the in-
phase channel (I channel) and one for the quadrature channel
(Q channel). These mixers are based on the Gilbert cell design
of four cross-connected transistors. The output currents from
the two mixers are summed together in the resistive loads that
then feed into the subsequent emitter follower buffers. When
the part is put into its low power mode (LPEN = 1), the mixer
core load resistors are increased, which does increase the gain by
roughly 3 dB; however, as previously stated in the V-to-I Converter
section, the overall dynamic range does decrease slightly.
EMITTER FOLLOWER BUFFERS
The output emitter followers drive the differential I and Q signals
off chip. The output impedance is set by on-chip 14 Ω series
resistors that yield a 28 Ω differential output impedance for each
baseband port. The fixed output impedance forms a voltage divider
with the load impedance that reduces the effective gain. For example,
a 500 Ω differential load has ~0.5 dB lower effective gain than a
high (10 kΩ) differential load impedance.
The common-mode dc output levels of the emitter follower
outputs are set by the voltage applied to the VOCM pin. The
VOCM pin must be driven with a voltage (typically 1.65 V) for
the emitter follower buffers to function. If the VOCM pin is left
open, the emitter follower outputs do not bias up properly.
BIAS CIRCUITRY
There are several band gap reference circuits and two low
droput regulators (LDOs) in the ADRF6806 that generate the
reference currents and voltages used by different sections. One of
the LDOs is the 2.5V_LDO, which is always active and provides
the 2.5 V supply rail used by the internal digital logic blocks.
The 2.5V_LDO output is connected to the DECL2 pin (Pin 9)
for the user to provide external decoupling. The other LDO is
the VCO_LDO, which acts as the positive supply rail for the
internal VCO. The VCO_LDO output is connected to the DECL1
pin (Pin 40) for the user to provide external decoupling. The
VCO_LDO can be powered down by setting Register 6, DB18 = 0,
which allows the user to save power when not using the VCO.
Additionally, the bias current for the mixer V-to-I stage, which
drives the mixer core, can be reduced by putting the device in
low power mode (setting LPEN = 1 by setting Register 5, DB5 = 1).
REGISTER STRUCTURE
The ADRF6806 provides access to its many programmable features
through a 3-wire SPI control interface that is used to program
the seven internal registers. The minimum delay and hold times
are shown in the timing diagram (see Figure 2). The SPI provides
digital control of the internal PLL/VCO as well as several other
features related to the demodulator core, on-chip referencing,
and available system monitoring functions. The MUXOUT pin
provides a convenient, single-pin monitor output signal that can
be used to deliver a PLL lock-detect signal or an internal voltage
proportional to the local junction temperature.
Note that internal calibration for the PLL must run when the
ADRF6806 is initialized at a given frequency. This calibration is
run automatically whenever Register 0, Register 1, or Register 2 is
programmed. Because the other registers affect PLL performance,
Register 0, Register 1, and Register 2 must always be programmed
last. For ease of use, starting the initial programming with
Register 7 and then programming the registers in descending
order ending with Register 0 is recommended. Once the PLL
and other settings are programmed, the user can change the
PLL frequency simply by programming Register 0, Register 1,
or Register 2 as necessary.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com