Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADRF6806ACPZ-R7 Datasheet(PDF) 22 Page - Analog Devices

Part # ADRF6806ACPZ-R7
Description  50 MHz to 525 MHz Quadrature Demodulator with Fractional-N PLL and VCO
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADRF6806ACPZ-R7 Datasheet(HTML) 22 Page - Analog Devices

Back Button ADRF6806ACPZ-R7 Datasheet HTML 18Page - Analog Devices ADRF6806ACPZ-R7 Datasheet HTML 19Page - Analog Devices ADRF6806ACPZ-R7 Datasheet HTML 20Page - Analog Devices ADRF6806ACPZ-R7 Datasheet HTML 21Page - Analog Devices ADRF6806ACPZ-R7 Datasheet HTML 22Page - Analog Devices ADRF6806ACPZ-R7 Datasheet HTML 23Page - Analog Devices ADRF6806ACPZ-R7 Datasheet HTML 24Page - Analog Devices ADRF6806ACPZ-R7 Datasheet HTML 25Page - Analog Devices ADRF6806ACPZ-R7 Datasheet HTML 26Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 36 page
background image
ADRF6806
Data Sheet
Rev. B | Page 22 of 36
APPLICATIONS INFORMATION
BASIC CONNECTIONS
The basic circuit connections for a typical ADRF6806 application
are shown in Figure 41.
SUPPLY CONNECTIONS
The ADRF6806 has several supply connections and on-board
regulated reference voltages that should be bypassed to ground
using low inductance bypass capacitors located in close proximity
to the supply and reference pins of the ADRF6806. Specifically
Pin 1, Pin 2, Pin 9, Pin 10, Pin 17, Pin 22, Pin 23, Pin 28, Pin 29,
Pin 34, and Pin 40 should be bypassed to ground using individual
bypass capacitors. Pin 40 is the decoupling pin for the on-board
VCO LDO, and for best phase noise performance, several bypass
capacitors ranging from 100 pF to 10 μF may help to improve
phase noise performance. For additional details on bypassing the
supply nodes, see the evaluation board schematic in Figure 43.
SYNTHESIZER CONNECTIONS
The ADRF6806 includes an on-board VCO and PLL for LO
synthesis. An external reference must be applied for the PLL to
operate. A 1 V p-p nominal external reference must be applied
to Pin 6 through an ac coupling capacitor. The reference is
compared to an internally divided version of the VCO output
frequency to create a charge pump error current to control and
lock the VCO. The charge pump output current is filtered and
converted to a control voltage through the external loop filter
that is then applied to the VTUNE pin (Pin 39). ADIsimPLL™
can be a helpful tool when designing the external charge pump
loop filter. The typical Kv of the VCO, the charge pump output
current magnitude, and PFD frequency should all be considered
when designing the loop filter. The charge pump current magnitude
can be set internally or with an external RSET resistor connected to
Pin 5 and ground, along with the internal digital settings applied to
the PLL (see the Register 4—Charge Pump, PFD, and Reference
Path Control section for more details).
40
39
38
37
36
35
34
33
32
31
11
12
13
14
15
16
17
18
19
20
1
2
3
4
5
6
7
8
9
10
21
22
23
24
25
26
27
28
29
30
RFIN
VOCM
GND
VCCBB
GND
GND
RFIP
GND
VCCRF
DECL3
MUXOUT
GND
RSET
VCC1
GND
CPOUT
VCC2
REFIN
VCC1
DECL2
ADRF6806
+3.3V
+3.3V
+5V
RF INPUT
+5V
+3.3V
EXTERNAL
REFERENCE
MONITOR
OUTPUT
R2
OPEN
+3.3V
SPI CONTROL
BB Q-OUTPUT
BALUN
IF Q-OUTPUT
RF INPUT
BALUN
BB I-OUTPUT
BALUN
IF I-OUTPUT
CHARGE PUMP
LOOP FILTER
+1.65V
+3.3V
Figure 41. Basic Connections



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com