Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADRF6806ACPZ-R7 Datasheet(PDF) 9 Page - Analog Devices

Part # ADRF6806ACPZ-R7
Description  50 MHz to 525 MHz Quadrature Demodulator with Fractional-N PLL and VCO
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADRF6806ACPZ-R7 Datasheet(HTML) 9 Page - Analog Devices

Back Button ADRF6806ACPZ-R7 Datasheet HTML 5Page - Analog Devices ADRF6806ACPZ-R7 Datasheet HTML 6Page - Analog Devices ADRF6806ACPZ-R7 Datasheet HTML 7Page - Analog Devices ADRF6806ACPZ-R7 Datasheet HTML 8Page - Analog Devices ADRF6806ACPZ-R7 Datasheet HTML 9Page - Analog Devices ADRF6806ACPZ-R7 Datasheet HTML 10Page - Analog Devices ADRF6806ACPZ-R7 Datasheet HTML 11Page - Analog Devices ADRF6806ACPZ-R7 Datasheet HTML 12Page - Analog Devices ADRF6806ACPZ-R7 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 36 page
background image
Data Sheet
ADRF6806
Rev. B | Page 9 of 36
TYPICAL PERFORMANCE CHARACTERISTICS
VS1 = 5 V, VS2 = 3.3 V, TA = 25°C, RF input balun loss is de-embedded, unless otherwise noted. LO = 50 MHz to 525 MHz; Mini-Circuits
ADTL2-18 balun on RF inputs.
0
2
4
6
8
10
12
14
16
LO FREQUENCY (MHz)
TA = +85°C
TA = +25°C
TA = –40°C
LPEN = 0
LPEN = 1
IP1dB
GAIN
Figure 4. Conversion Gain and Input P1dB vs. LO Frequency
20
22
24
26
28
30
32
34
36
38
40
LO FREQUENCY (MHz)
TA = +85°C
TA = +25°C
TA = –40°C
LPEN = 0
LPEN = 1
Figure 5. Input IP3 vs. LO Frequency
–1.0
–0.8
–0.6
–0.4
–0.2
0
0.2
0.4
0.6
0.8
1.0
LO FREQUENCY (MHz)
TA = +85°C
TA = +25°C
TA = –40°C
LPEN = 0
LPEN = 1
Figure 6. IQ Gain Mismatch vs. LO Frequency
50
55
60
65
70
75
80
LO FREQUENCY (MHz)
LPEN = 1
LPEN = 0
TA = +85°C
TA = +25°C
TA = –40°C
I CHANNEL
Q CHANNEL
Figure 7. Input IP2 vs. LO Frequency
5
6
7
8
9
10
11
12
13
14
15
16
17
LO FREQUENCY (MHz)
TA = +85°C
TA = +25°C
TA = –40°C
LPEN = 0
LPEN = 1
Figure 8. Noise Figure vs. LO Frequency
–2.0
–1.5
–1.0
–0.5
0
0.5
1.0
1.5
2.0
LO FREQUENCY (MHz)
TA = +85°C
TA = +25°C
TA = –40°C
LPEN = 0
LPEN = 1
Figure 9. IQ Quadrature Phase Error vs. LO Frequency



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com