Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PV37W103C01 Datasheet(PDF) 46 Page - Murata Manufacturing Co., Ltd.

Part # PV37W103C01
Description  Trimmer Potentiometers
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

PV37W103C01 Datasheet(HTML) 46 Page - Murata Manufacturing Co., Ltd.

Back Button PV37W103C01 Datasheet HTML 42Page - Murata Manufacturing Co., Ltd. PV37W103C01 Datasheet HTML 43Page - Murata Manufacturing Co., Ltd. PV37W103C01 Datasheet HTML 44Page - Murata Manufacturing Co., Ltd. PV37W103C01 Datasheet HTML 45Page - Murata Manufacturing Co., Ltd. PV37W103C01 Datasheet HTML 46Page - Murata Manufacturing Co., Ltd. PV37W103C01 Datasheet HTML 47Page - Murata Manufacturing Co., Ltd. PV37W103C01 Datasheet HTML 48Page - Murata Manufacturing Co., Ltd. PV37W103C01 Datasheet HTML 49Page - Murata Manufacturing Co., Ltd. PV37W103C01 Datasheet HTML 50Page - Murata Manufacturing Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 55 page
background image
PV12/PV37/PV36 Series Notice
Continued from the preceding page.
Flow Soldering Profile
Soldering profile for lead free solder (96.5Sn/3.0Ag/0.5Cu), Eutectic solder (63Sn/37Pb)
t1
t2
T3
T2
T1
Time (s)
Limit Profile
Standard Profile
Heating
Pre-heating
Standard Profile
Pre-heating
Heating
Temp. (T1)
°C
Time (t1)
sec.
Temp. (T2)
°C
Time (t2)
sec.
150
60 to 120
250
5 max.
1
Cycle
of Flow
Time
Limit Profile
Pre-heating
Heating
Temp. (T1)
°C
Time (t1)
sec.
Temp. (T3)
°C
Time (t2)
sec.
150
60 to 120
260
3 max.
1
Cycle
of Flow
Time
Standard Condition
Temperature of Soldering Iron Tip
°C
Soldering Time
sec.
Soldering Iron Power Output
W
350±10
3 max.
30 max.
1
Cycle of Soldering Iron
Time
Soldering Iron
Series
PV12
PV37
PV36
Series
PV12
PV37
PV36
c Soldering Profile
c Notice (Handling)
c Notice (Other)
1. Please make sure that your product has been
evaluated and confirmed against your
specifications when our product is mounted to your
product.
2. Murata cannot guarantee trimmer potentiometer
integrity when used under conditions other than
those specified in this document.
R50E.pdf
Jul.23,2012
44
!Note • Please read rating and !CAUTION (for storage, operating, rating, soldering, mounting and handling) in this catalog to prevent smoking and/or burning, etc.
• This catalog has only typical specifications. Therefore, please approve our product specifications or transact the approval sheet for product specifications before ordering.
7
1. Use suitable screwdrivers that fit comfortably in the
driver slot. We recommend the screwdrivers below.
* Recommended screwdriver for manual adjustment
ENGINEER INC.: DA-40
(Murata P/N: KMDR180)
We can supply the screwdrivers above.
If you place an order, please specify the Murata P/N.
2. When adjusting with an adjustment tool, the applied
force to the adjustment screw should not exceed
4.9N (Ref. 500gf). If excessive force is applied,
the trimmer potentiometer may not function due to
damage.
3. When using a lock paint to fix the slot position,
please use adhesive resin without chlorine or
sulfur (Three-bond "1401 series") and evaluate
performance with your product. Lock paint may
cause corrosion or electrical contact problems.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com