Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PV37W103C01 Datasheet(PDF) 41 Page - Murata Manufacturing Co., Ltd.

Part # PV37W103C01
Description  Trimmer Potentiometers
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

PV37W103C01 Datasheet(HTML) 41 Page - Murata Manufacturing Co., Ltd.

Back Button PV37W103C01 Datasheet HTML 37Page - Murata Manufacturing Co., Ltd. PV37W103C01 Datasheet HTML 38Page - Murata Manufacturing Co., Ltd. PV37W103C01 Datasheet HTML 39Page - Murata Manufacturing Co., Ltd. PV37W103C01 Datasheet HTML 40Page - Murata Manufacturing Co., Ltd. PV37W103C01 Datasheet HTML 41Page - Murata Manufacturing Co., Ltd. PV37W103C01 Datasheet HTML 42Page - Murata Manufacturing Co., Ltd. PV37W103C01 Datasheet HTML 43Page - Murata Manufacturing Co., Ltd. PV37W103C01 Datasheet HTML 44Page - Murata Manufacturing Co., Ltd. PV37W103C01 Datasheet HTML 45Page - Murata Manufacturing Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 55 page
background image
#1
#2
#3
6.4
1.2
2.5
1.8±0.2 Dia.
1.1
3–0.4±0.1 Dia.
0.6±0.2
2.5
#2
#1
#3
CLOCKWISE
Marking
Tolerance : ±0.3
(
in mm)
PV37W
#2
#1
#3
CLOCKWISE
#1
#2
#3
6.4
Marking
2.5
1.1
3–0.4±0.1 Dia.
1.0
0.6
2.5
Tolerance : ±0.3
(
in mm)
PV37X
Part Number
Power Rating
(W)
Number of Turns
(Effective Rotation Angle)
Total Resistance Value
TCR
(ppm/°C)
PV37W100C01
0.25(85°C)
12
10ohm±10%
±150
PV37W200C01
0.25(85°C)
12
20ohm±10%
±150
PV37W500C01
0.25(85°C)
12
50ohm±10%
±150
PV37W101C01
0.25(85°C)
12
100ohm±10%
±150
PV37W201C01
0.25(85°C)
12
200ohm±10%
±150
PV37W501C01
0.25(85°C)
12
500ohm±10%
±150
PV37W102C01
0.25(85°C)
12
1k ohm±10%
±150
PV37W202C01
0.25(85°C)
12
2k ohm±10%
±150
PV37W502C01
0.25(85°C)
12
5k ohm±10%
±150
PV37W103C01
0.25(85°C)
12
10k ohm±10%
±150
PV37W203C01
0.25(85°C)
12
20k ohm±10%
±150
PV37W503C01
0.25(85°C)
12
50k ohm±10%
±150
PV37W104C01
0.25(85°C)
12
100k ohm±10%
±150
PV37W204C01
0.25(85°C)
12
200k ohm±10%
±150
PV37W504C01
0.25(85°C)
12
500k ohm±10%
±150
PV37W105C01
0.25(85°C)
12
1M ohm±10%
±150
PV37W205C01
0.25(85°C)
12
2M ohm±10%
±150
Operating Temperature Range: -55 to 125 °C
Soldering Method: Flow/Soldering Iron
R50E.pdf
Jul.23,2012
39
!Note • Please read rating and !CAUTION (for storage, operating, rating, soldering, mounting and handling) in this catalog to prevent smoking and/or burning, etc.
• This catalog has only typical specifications. Therefore, please approve our product specifications or transact the approval sheet for product specifications before ordering.
7
PV37 Series
Top Adjustment
c Features
1. Smaller volume (about one-third) than 25-turn
potentiometer
2. Sealed construction protects the interior from dust
and liquid, which achieves stable performance.
3. Available for ultrasonic cleaning after soldering.
4. Clutch mechanism prevents excessive wiper rotation.
5. Both top and side adjustment directions.
6. Complies with RoHS directive by new Cd free cermet
resistive material. Pb free terminals with
Sn plating.
c Applications
1. Measuring instruments 4. Power supply
2. OA equipment
5. Base station for cellular phones
3. Medical equipment



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com