Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PV37W103C01 Datasheet(PDF) 28 Page - Murata Manufacturing Co., Ltd.

Part # PV37W103C01
Description  Trimmer Potentiometers
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

PV37W103C01 Datasheet(HTML) 28 Page - Murata Manufacturing Co., Ltd.

Back Button PV37W103C01 Datasheet HTML 24Page - Murata Manufacturing Co., Ltd. PV37W103C01 Datasheet HTML 25Page - Murata Manufacturing Co., Ltd. PV37W103C01 Datasheet HTML 26Page - Murata Manufacturing Co., Ltd. PV37W103C01 Datasheet HTML 27Page - Murata Manufacturing Co., Ltd. PV37W103C01 Datasheet HTML 28Page - Murata Manufacturing Co., Ltd. PV37W103C01 Datasheet HTML 29Page - Murata Manufacturing Co., Ltd. PV37W103C01 Datasheet HTML 30Page - Murata Manufacturing Co., Ltd. PV37W103C01 Datasheet HTML 31Page - Murata Manufacturing Co., Ltd. PV37W103C01 Datasheet HTML 32Page - Murata Manufacturing Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 55 page
background image
Trimmer Potentiometers
SMD Sealed Type Multi-turn PVG5 Series
5.1
0.9
Marking
0.2
2.4
1.2
2-0.7
2.5
ADJ. Slot
Dia. ø1.5
Width 0.6
Depth 0.5
#2
#3
#1
#2 (Wiper)
#1
#3
Clockwise
Circuit
(Tolerance: ±0.3
in mm)
PVG5A
(Tolerance: ±0.3
in mm)
1.2
2.4
4.9
3-0.7
#2 (Wiper)
#1
#3
Clockwise
#1
#2
#3
ADJ. Slot
Dia. ø1.5
Width 0.6
Depth 0.5
Circuit
Marking
PVG5H
Part Number
Power Rating
(W)
Number of Turns
(Effective Rotation Angle)
Total Resistance Value
TCR
(ppm/°C)
PVG5A100C03
0.25(70°C)
11
10ohm±10%
±150
PVG5A200C03
0.25(70°C)
11
20ohm±10%
±150
PVG5A500C03
0.25(70°C)
11
50ohm±10%
±150
PVG5A101C03
0.25(70°C)
11
100ohm±10%
±150
PVG5A201C03
0.25(70°C)
11
200ohm±10%
±150
PVG5A501C03
0.25(70°C)
11
500ohm±10%
±150
PVG5A102C03
0.25(70°C)
11
1k ohm±10%
±150
PVG5A202C03
0.25(70°C)
11
2k ohm±10%
±150
PVG5A502C03
0.25(70°C)
11
5k ohm±10%
±150
PVG5A103C03
0.25(70°C)
11
10k ohm±10%
±150
PVG5A203C03
0.25(70°C)
11
20k ohm±10%
±150
PVG5A503C03
0.25(70°C)
11
50k ohm±10%
±150
PVG5A104C03
0.25(70°C)
11
100k ohm±10%
±150
PVG5A204C03
0.25(70°C)
11
200k ohm±10%
±150
PVG5A504C03
0.25(70°C)
11
500k ohm±10%
±150
PVG5A105C03
0.25(70°C)
11
1M ohm±10%
±150
PVG5A205C03
0.25(70°C)
11
2M ohm±10%
±150
Operating Temperature Range: -55 to 125 °C
Soldering Method: Reflow/Soldering Iron
R50E.pdf
Jul.23,2012
26
!Note • Please read rating and !CAUTION (for storage, operating, rating, soldering, mounting and handling) in this catalog to prevent smoking and/or burning, etc.
• This catalog has only typical specifications. Therefore, please approve our product specifications or transact the approval sheet for product specifications before ordering.
5
Top Adjustment
c Features
1. Sealed construction protects the interior from dust
and liquid, which achieves stable performance.
2. Available with reflow soldering method
3. Available for ultrasonic cleaning after soldering.
4. Clutch mechanism prevents excessive wiper rotation.
5. Both top and side adjustment directions.
6. Much smaller volume (1/5-1/2) than leaded multi-turn
potentiometer.
7. Complies with RoHS directive by new Cd free
cermet resistive material. Pb free terminals with
Sn plating.
c Applications
1. Measuring instruments 4. Power supply
2. OA equipment
5. Sensors
3. Medical equipment
6. Base station for cellular phones



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com