Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PV37W103C01 Datasheet(PDF) 18 Page - Murata Manufacturing Co., Ltd.

Part # PV37W103C01
Description  Trimmer Potentiometers
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

PV37W103C01 Datasheet(HTML) 18 Page - Murata Manufacturing Co., Ltd.

Back Button PV37W103C01 Datasheet HTML 14Page - Murata Manufacturing Co., Ltd. PV37W103C01 Datasheet HTML 15Page - Murata Manufacturing Co., Ltd. PV37W103C01 Datasheet HTML 16Page - Murata Manufacturing Co., Ltd. PV37W103C01 Datasheet HTML 17Page - Murata Manufacturing Co., Ltd. PV37W103C01 Datasheet HTML 18Page - Murata Manufacturing Co., Ltd. PV37W103C01 Datasheet HTML 19Page - Murata Manufacturing Co., Ltd. PV37W103C01 Datasheet HTML 20Page - Murata Manufacturing Co., Ltd. PV37W103C01 Datasheet HTML 21Page - Murata Manufacturing Co., Ltd. PV37W103C01 Datasheet HTML 22Page - Murata Manufacturing Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 55 page
background image
Trimmer Potentiometers
SMD Sealed Type 3mm Size PVG3 Series
1.00±0.15
0.75±0.15
3.6
2.3
0.45
0.4 Depth
0.6
#1
#2
#3
2.0
0.1 Min.
Tolerance : ±0.3
(
in mm )
#2
#1
#3
CLOCKWISE
PVG3A
1.00±0.15
0.75±0.15
3.6
2.3
0.45
0.4 Depth
2.0
#1
#2
#3
0.1 Min.
Tolerance : ±0.3
(
in mm )
#2
#1
#3
CLOCKWISE
PVG3G
Top Adjustment (Standard Type)
Operating Temperature Range: -55 to 125 °C
Soldering Method: Reflow/Soldering Iron
R50E.pdf
Jul.23,2012
16
!Note • Please read rating and !CAUTION (for storage, operating, rating, soldering, mounting and handling) in this catalog to prevent smoking and/or burning, etc.
• This catalog has only typical specifications. Therefore, please approve our product specifications or transact the approval sheet for product specifications before ordering.
3
c Features
1. Sealed construction protects the interior from dust
and liquid, which achieves stable performance.
2. Driver plate with cross-slot is suitable for
automatic adjustment.
3. Rotor with large diameter and deep groove improves
driver insertion.
4. 3mm and 4mm land pattern can be used without change.
(Gull-wing is suitable for 4mm size land pattern.)
5. Heat resistance performance enables high
temperature peak reflow soldering.
6. Complies with RoHS directive by new Cd free cermet
resistive material. Pb free terminals with
Sn plating.
c Applications
1. Small sensors
5. Compact Power Supply
2. Optical Transceiver Module
6. Wireless Radio module
3. Copier
7. Corner Sensor
4. Printer
8. E-Book
Part Number
Power Rating
(W)
Number of Turns
(Effective Rotation Angle)
Mechanical Rotation Angle
Total Resistance Value
TCR
(ppm/°C)
PVG3A100C01
0.25(70°C)
1(210°±10°)
250+/-10 deg.
10ohm±20%
±150
PVG3A200C01
0.25(70°C)
1(210°±10°)
250+/-10 deg.
20ohm±20%
±150
PVG3A500C01
0.25(70°C)
1(210°±10°)
250+/-10 deg.
50ohm±20%
±150
PVG3A101C01
0.25(70°C)
1(210°±10°)
250+/-10 deg.
100ohm±20%
±150
PVG3A201C01
0.25(70°C)
1(210°±10°)
250+/-10 deg.
200ohm±20%
±150
PVG3A501C01
0.25(70°C)
1(210°±10°)
250+/-10 deg.
500ohm±20%
±150
PVG3A102C01
0.25(70°C)
1(210°±10°)
250+/-10 deg.
1k ohm±20%
±150
PVG3A202C01
0.25(70°C)
1(210°±10°)
250+/-10 deg.
2k ohm±20%
±150
PVG3A502C01
0.25(70°C)
1(210°±10°)
250+/-10 deg.
5k ohm±20%
±150
PVG3A103C01
0.25(70°C)
1(210°±10°)
250+/-10 deg.
10k ohm±20%
±150
PVG3A203C01
0.25(70°C)
1(210°±10°)
250+/-10 deg.
20k ohm±20%
±150
PVG3A503C01
0.25(70°C)
1(210°±10°)
250+/-10 deg.
50k ohm±20%
±150
PVG3A104C01
0.25(70°C)
1(210°±10°)
250+/-10 deg.
100k ohm±20%
±150
PVG3A204C01
0.25(70°C)
1(210°±10°)
250+/-10 deg.
200k ohm±20%
±150
PVG3A504C01
0.25(70°C)
1(210°±10°)
250+/-10 deg.
500k ohm±20%
±150
PVG3A105C01
0.25(70°C)
1(210°±10°)
250+/-10 deg.
1M ohm±20%
±150
PVG3A205C01
0.25(70°C)
1(210°±10°)
250+/-10 deg.
2M ohm±20%
±150



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com