Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PV37W103C01 Datasheet(PDF) 19 Page - Murata Manufacturing Co., Ltd.

Part # PV37W103C01
Description  Trimmer Potentiometers
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

PV37W103C01 Datasheet(HTML) 19 Page - Murata Manufacturing Co., Ltd.

Back Button PV37W103C01 Datasheet HTML 15Page - Murata Manufacturing Co., Ltd. PV37W103C01 Datasheet HTML 16Page - Murata Manufacturing Co., Ltd. PV37W103C01 Datasheet HTML 17Page - Murata Manufacturing Co., Ltd. PV37W103C01 Datasheet HTML 18Page - Murata Manufacturing Co., Ltd. PV37W103C01 Datasheet HTML 19Page - Murata Manufacturing Co., Ltd. PV37W103C01 Datasheet HTML 20Page - Murata Manufacturing Co., Ltd. PV37W103C01 Datasheet HTML 21Page - Murata Manufacturing Co., Ltd. PV37W103C01 Datasheet HTML 22Page - Murata Manufacturing Co., Ltd. PV37W103C01 Datasheet HTML 23Page - Murata Manufacturing Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 55 page
background image
Top Adjustment (Gull-Wing Type)
Part Number
Power Rating
(W)
Number of Turns
(Effective Rotation Angle)
Mechanical Rotation Angle
Total Resistance Value
TCR
(ppm/°C)
PVG3G100C01
0.25(70°C)
1(210°±10°)
250+/-10 deg.
10ohm±20%
±150
PVG3G200C01
0.25(70°C)
1(210°±10°)
250+/-10 deg.
20ohm±20%
±150
PVG3G500C01
0.25(70°C)
1(210°±10°)
250+/-10 deg.
50ohm±20%
±150
PVG3G101C01
0.25(70°C)
1(210°±10°)
250+/-10 deg.
100ohm±20%
±150
PVG3G201C01
0.25(70°C)
1(210°±10°)
250+/-10 deg.
200ohm±20%
±150
PVG3G501C01
0.25(70°C)
1(210°±10°)
250+/-10 deg.
500ohm±20%
±150
PVG3G102C01
0.25(70°C)
1(210°±10°)
250+/-10 deg.
1k ohm±20%
±150
PVG3G202C01
0.25(70°C)
1(210°±10°)
250+/-10 deg.
2k ohm±20%
±150
PVG3G502C01
0.25(70°C)
1(210°±10°)
250+/-10 deg.
5k ohm±20%
±150
PVG3G103C01
0.25(70°C)
1(210°±10°)
250+/-10 deg.
10k ohm±20%
±150
PVG3G203C01
0.25(70°C)
1(210°±10°)
250+/-10 deg.
20k ohm±20%
±150
PVG3G503C01
0.25(70°C)
1(210°±10°)
250+/-10 deg.
50k ohm±20%
±150
PVG3G104C01
0.25(70°C)
1(210°±10°)
250+/-10 deg.
100k ohm±20%
±150
PVG3G204C01
0.25(70°C)
1(210°±10°)
250+/-10 deg.
200k ohm±20%
±150
PVG3G504C01
0.25(70°C)
1(210°±10°)
250+/-10 deg.
500k ohm±20%
±150
PVG3G105C01
0.25(70°C)
1(210°±10°)
250+/-10 deg.
1M ohm±20%
±150
PVG3G205C01
0.25(70°C)
1(210°±10°)
250+/-10 deg.
2M ohm±20%
±150
Operating Temperature Range: -55 to 125 °C
Soldering Method: Reflow/Soldering Iron
Cover
Rotor
#2-Terminal
#1-Terminal
#3-Terminal
Ceramic
Substrate
Wiper
Case
Resistive
Element
O-Ring
c Construction
PVG3A/PVG3G
1.4
1.1
1.1
1.2
Tolerance : ±0.1
(
in mm)
c Standard Land Pattern
PVG3A
1.4
1.1
1.1
1.2
Tolerance : ±0.1
(
in mm)
PVG3G
R50E.pdf
Jul.23,2012
17
!Note • Please read rating and !CAUTION (for storage, operating, rating, soldering, mounting and handling) in this catalog to prevent smoking and/or burning, etc.
• This catalog has only typical specifications. Therefore, please approve our product specifications or transact the approval sheet for product specifications before ordering.
3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com