Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PV37W103C01 Datasheet(PDF) 37 Page - Murata Manufacturing Co., Ltd.

Part # PV37W103C01
Description  Trimmer Potentiometers
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

PV37W103C01 Datasheet(HTML) 37 Page - Murata Manufacturing Co., Ltd.

Back Button PV37W103C01 Datasheet HTML 33Page - Murata Manufacturing Co., Ltd. PV37W103C01 Datasheet HTML 34Page - Murata Manufacturing Co., Ltd. PV37W103C01 Datasheet HTML 35Page - Murata Manufacturing Co., Ltd. PV37W103C01 Datasheet HTML 36Page - Murata Manufacturing Co., Ltd. PV37W103C01 Datasheet HTML 37Page - Murata Manufacturing Co., Ltd. PV37W103C01 Datasheet HTML 38Page - Murata Manufacturing Co., Ltd. PV37W103C01 Datasheet HTML 39Page - Murata Manufacturing Co., Ltd. PV37W103C01 Datasheet HTML 40Page - Murata Manufacturing Co., Ltd. PV37W103C01 Datasheet HTML 41Page - Murata Manufacturing Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 55 page
background image
PV32 Series Notice
Flow Soldering Profile
Soldering profile for lead free solder (96.5Sn/3.0Ag/0.5Cu), Eutectic solder (63Sn/37Pb)
t1
t2
T3
T2
T1
Time (s)
Limit Profile
Standard Profile
Heating
Pre-heating
Standard Profile
Pre-heating
Heating
Temp. (T1)
°C
Time (t1)
sec.
Temp. (T2)
°C
Time (t2)
sec.
150
60 to 120
250
5 max.
1
Cycle
of Flow
Time
Limit Profile
Pre-heating
Heating
Temp. (T1)
°C
Time (t1)
sec.
Temp. (T3)
°C
Time (t2)
sec.
150
60 to 120
260
3 max.
1
Cycle
of Flow
Time
Standard Condition
Temperature of Soldering Iron Tip
°C
Soldering Time
sec.
Soldering Iron Power Output
W
350±10
3 max.
30 max.
1
Cycle of Soldering Iron
Time
Soldering Iron
Series
PV32
Series
PV32
c Soldering Profile
c Notice (Handling)
c Notice (Other)
1. Please make sure that your product has been
evaluated and confirmed against your
specifications when our product is mounted to your
product.
2. Murata cannot guarantee trimmer potentiometer
integrity when used under conditions other than
those specified in this document.
Continued from the preceding page.
R50E.pdf
Jul.23,2012
35
!Note • Please read rating and !CAUTION (for storage, operating, rating, soldering, mounting and handling) in this catalog to prevent smoking and/or burning, etc.
• This catalog has only typical specifications. Therefore, please approve our product specifications or transact the approval sheet for product specifications before ordering.
6
1. Use suitable screwdrivers that fit comfortably in the
driver slot. We recommend the screwdrivers below.
* Recommended screwdriver for manual adjustment
<PV32 series>
ENGINEER INC.: DA-40
(Murata P/N: KMDR180)
We can supply the screwdrivers above.
If you place an order, please specify the
Murata P/N.
2. When adjusting with an adjustment tool, the applied
force to the adjustment screw should not exceed
4.9N (Ref. 500gf). If excessive force is applied,
the trimmer potentiometer may not function due to
damage.
3. The rotational torque at the position of the
adjustment range should not exceed the stop
strength.
4. When using a lock paint to fix the slot position,
please use adhesive resin without chlorine or
sulfur (Three-bond "1401 series") and evaluate
performance with your product. Lock paint may
cause corrosion or electrical contact problems.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com