Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PV37W103C01 Datasheet(PDF) 33 Page - Murata Manufacturing Co., Ltd.

Part # PV37W103C01
Description  Trimmer Potentiometers
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

PV37W103C01 Datasheet(HTML) 33 Page - Murata Manufacturing Co., Ltd.

Back Button PV37W103C01 Datasheet HTML 29Page - Murata Manufacturing Co., Ltd. PV37W103C01 Datasheet HTML 30Page - Murata Manufacturing Co., Ltd. PV37W103C01 Datasheet HTML 31Page - Murata Manufacturing Co., Ltd. PV37W103C01 Datasheet HTML 32Page - Murata Manufacturing Co., Ltd. PV37W103C01 Datasheet HTML 33Page - Murata Manufacturing Co., Ltd. PV37W103C01 Datasheet HTML 34Page - Murata Manufacturing Co., Ltd. PV37W103C01 Datasheet HTML 35Page - Murata Manufacturing Co., Ltd. PV37W103C01 Datasheet HTML 36Page - Murata Manufacturing Co., Ltd. PV37W103C01 Datasheet HTML 37Page - Murata Manufacturing Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 55 page
background image
Trimmer Potentiometers
Lead Sealed Type Single-turn PV32 Series
#1 #2 #3
0.6
90°±6°
6.6±0.5 Dia.
1.0 Depth
3–0.5±0.1 Dia.
0.9 Dia. max.
(Tolerance : ±0.3)
in mm
#2
#1
#3
CLOCKWISE
PV32H
#2
#1
#3
CLOCKWISE
#1
#2
#3
6.9
5.9±0.4
0.6
1.0 Depth
5.0
6.4±0.4
3–0.5±0.1 Dia.
2.5
2.5
Tolerance : ±0.3
(
in mm)
PV32N
Part Number
Power Rating
(W)
Number of Turns
(Effective Rotation Angle)
Mechanical Rotation Angle
Total Resistance Value
TCR
(ppm/°C)
PV32H100A01
0.5(70°C)
1(230°±5°)
270+/-5 deg.
10ohm±20%
±100
PV32H200A01
0.5(70°C)
1(230°±5°)
270+/-5 deg.
20ohm±20%
±100
PV32H500A01
0.5(70°C)
1(230°±5°)
270+/-5 deg.
50ohm±20%
±100
PV32H101A01
0.5(70°C)
1(230°±5°)
270+/-5 deg.
100ohm±20%
±100
PV32H201A01
0.5(70°C)
1(230°±5°)
270+/-5 deg.
200ohm±20%
±100
PV32H501A01
0.5(70°C)
1(230°±5°)
270+/-5 deg.
500ohm±20%
±100
PV32H102A01
0.5(70°C)
1(230°±5°)
270+/-5 deg.
1k ohm±20%
±100
PV32H202A01
0.5(70°C)
1(230°±5°)
270+/-5 deg.
2k ohm±20%
±100
PV32H502A01
0.5(70°C)
1(230°±5°)
270+/-5 deg.
5k ohm±20%
±100
PV32H103A01
0.5(70°C)
1(230°±5°)
270+/-5 deg.
10k ohm±20%
±100
PV32H203A01
0.5(70°C)
1(230°±5°)
270+/-5 deg.
20k ohm±20%
±100
PV32H503A01
0.5(70°C)
1(230°±5°)
270+/-5 deg.
50k ohm±20%
±100
PV32H104A01
0.5(70°C)
1(230°±5°)
270+/-5 deg.
100k ohm±20%
±100
PV32H204A01
0.5(70°C)
1(230°±5°)
270+/-5 deg.
200k ohm±20%
±100
PV32H504A01
0.5(70°C)
1(230°±5°)
270+/-5 deg.
500k ohm±20%
±100
PV32H105A01
0.5(70°C)
1(230°±5°)
270+/-5 deg.
1M ohm±20%
±100
PV32H205A01
0.5(70°C)
1(230°±5°)
270+/-5 deg.
2M ohm±20%
±100
PV32H505A01
0.5(70°C)
1(230°±5°)
270+/-5 deg.
5M ohm±20%
±100
Operating Temperature Range: -55 to 125 °C
Soldering Method: Flow/Soldering Iron
R50E.pdf
Jul.23,2012
31
!Note • Please read rating and !CAUTION (for storage, operating, rating, soldering, mounting and handling) in this catalog to prevent smoking and/or burning, etc.
• This catalog has only typical specifications. Therefore, please approve our product specifications or transact the approval sheet for product specifications before ordering.
6
Top Adjustment
c Features
1. Round body shape enables smaller area mount than
same 6mm square potentiometer.
2. Sealed construction protects the interior from dust
and liquid, which achieves stable performance.
3. Available for ultrasonic cleaning after soldering.
4. Flammability: UL94V-0
5. PV32 series complies with RoHS directive.
c Applications
1. HDTVs
5. Printers
2. Professional cameras
6. Sensors
3. CATV
7. Power supply
4. FAX



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com