Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PV37W103C01 Datasheet(PDF) 22 Page - Murata Manufacturing Co., Ltd.

Part # PV37W103C01
Description  Trimmer Potentiometers
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

PV37W103C01 Datasheet(HTML) 22 Page - Murata Manufacturing Co., Ltd.

Back Button PV37W103C01 Datasheet HTML 18Page - Murata Manufacturing Co., Ltd. PV37W103C01 Datasheet HTML 19Page - Murata Manufacturing Co., Ltd. PV37W103C01 Datasheet HTML 20Page - Murata Manufacturing Co., Ltd. PV37W103C01 Datasheet HTML 21Page - Murata Manufacturing Co., Ltd. PV37W103C01 Datasheet HTML 22Page - Murata Manufacturing Co., Ltd. PV37W103C01 Datasheet HTML 23Page - Murata Manufacturing Co., Ltd. PV37W103C01 Datasheet HTML 24Page - Murata Manufacturing Co., Ltd. PV37W103C01 Datasheet HTML 25Page - Murata Manufacturing Co., Ltd. PV37W103C01 Datasheet HTML 26Page - Murata Manufacturing Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 55 page
background image
PVG3 Series Notice
Continued from the preceding page.
t3
t2
T3
T2
T5
T4
T1
Time (s)
t1
1. Soldering profile for lead free solder (96.5Sn/3.0Ag/0.5Cu)
Standard Profile
Pre-heating
Heating
Cycle
of Reflow
Time
°C
Temp. (T1)
°C
Time (t1)
sec.
Temp. (T2)
°C
Time (t2)
sec.
1
245±3
150 to 180 60 to 120
220
30 to 60
Limit Profile
Standard Profile
Pre-heating
Heating
Time
°C
Temp. (T1)
°C
Time (t1)
sec.
Temp. (T4)
°C
Time (t3)
sec.
Limit Profile
2
260 +5/-0
150 to 180 60 to 120
230
30 to 50
Standard Profile
Pre-heating
Heating
Time
°C
Temp. (T1)
°C
Time (t1)
sec.
Temp. (T2)
°C
Time (t2)
sec.
1
230
150
60 to 120
183
30
Time (s)
Standard Profile
t1
T1
t2
T3
T2
2. Soldering profile for Eutectic solder (63Sn/37Pb)
(Limit profile: refer to 1)
Standard Condition
Temperature of Soldering Iron Tip
°C
Soldering Time
sec.
Soldering Iron Power Output
W
350±10
3 max.
30 max.
1
Cycle of Soldering Iron
Time
Reflow Soldering Profile
Peak
Temperature
(T3)
Peak
Temperature
(T3)
Cycle
of Reflow
Peak
Temperature
(T5)
Soldering Iron
Cycle
of Reflow
Series
PVG3
Series
PVG3
Series
PVG3
c Soldering Profile
c Notice (Handling)
R50E.pdf
Jul.23,2012
20
!Note • Please read rating and !CAUTION (for storage, operating, rating, soldering, mounting and handling) in this catalog to prevent smoking and/or burning, etc.
• This catalog has only typical specifications. Therefore, please approve our product specifications or transact the approval sheet for product specifications before ordering.
3
c Notice (Other)
1. Please make sure that your product has been
evaluated and confirmed against your specifications
when our product is mounted to your product.
2. Murata cannot guarantee trimmer potentiometer
integrity when used under conditions other than
those specified in this document.
1. Use suitable screwdrivers that fit comfortably in the
driver slot.
* Recommended screwdriver for manual adjustment
TORAY INDUSTRIES, INC.: SA-2225
(Murata P/N: KMDR070)
* Recommended screwdriver bit for automatic
adjustment
TORAY INDUSTRIES, INC.: JB-2225
(Mutata P/N: KMBT070)
We can supply the screwdrivers above.
If you place an order, please specify the Murata P/N.
2. When adjusting with an adjustment tool, the applied
force to the adjustment screw should not exceed
4.9N (Ref. 500gf). If excessive force is applied,
the trimmer potentiometer may not function due to
damage.
3. The rotational torque at the position of the
adjustment range should not exceed the stop
strength.
4. When using a lock paint to fix the slot position,
please use adhesive resin without chlorine or
sulfur (Three-bond "1401 series") and evaluate
performance with your product. Lock paint may
cause corrosion or electrical contact problems.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com