Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PV37W103C01 Datasheet(PDF) 21 Page - Murata Manufacturing Co., Ltd.

Part # PV37W103C01
Description  Trimmer Potentiometers
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

PV37W103C01 Datasheet(HTML) 21 Page - Murata Manufacturing Co., Ltd.

Back Button PV37W103C01 Datasheet HTML 17Page - Murata Manufacturing Co., Ltd. PV37W103C01 Datasheet HTML 18Page - Murata Manufacturing Co., Ltd. PV37W103C01 Datasheet HTML 19Page - Murata Manufacturing Co., Ltd. PV37W103C01 Datasheet HTML 20Page - Murata Manufacturing Co., Ltd. PV37W103C01 Datasheet HTML 21Page - Murata Manufacturing Co., Ltd. PV37W103C01 Datasheet HTML 22Page - Murata Manufacturing Co., Ltd. PV37W103C01 Datasheet HTML 23Page - Murata Manufacturing Co., Ltd. PV37W103C01 Datasheet HTML 24Page - Murata Manufacturing Co., Ltd. PV37W103C01 Datasheet HTML 25Page - Murata Manufacturing Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 55 page
background image
PVG3 Series Notice
c Notice (Operating and Storage Conditions)
c Notice (Rating)
1. When using with partial load (rheostat), minimize
the power depending on the resistance value.
2. The maximum input voltage to a trimmer
potentiometer should not exceed (P·R)^1/2 or the
maximum operating voltage, whichever is smaller.
c Notice (Soldering and Mounting)
Continued on the following page.
R50E.pdf
Jul.23,2012
19
!Note • Please read rating and !CAUTION (for storage, operating, rating, soldering, mounting and handling) in this catalog to prevent smoking and/or burning, etc.
• This catalog has only typical specifications. Therefore, please approve our product specifications or transact the approval sheet for product specifications before ordering.
3
1. Store in temperatures of -10 to +40°C and
relative humidity of 30-85%.
2. Do not store in or near corrosive gases.
3. Use within six months after delivery.
4. Open the package just before using.
5. Do not store under direct sunlight.
6. If you use the trimmer potentiometer in an
environment other than listed at right, please
consult with a Murata factory representative prior
to using.
The trimmer potentiometer should not be used under
the following environmental conditions:
(1) Corrosive gaseous atmosphere
(Ex. Chlorine gas, Hydrogen sulfide gas, Ammonia
gas, Sulfuric acid gas, Nitric oxide gas, etc.)
(2) In liquid
(Ex. Oil, Medical liquid, Organic solvent, etc.)
(3) Dusty/dirty atmosphere
(4) Direct sunlight
(5) Static voltage or electric/magnetic fields
(6) Direct sea breeze
(7) Other variations of the above
1. Soldering
(1) Soldering conditions
Refer to the temperature profile.
If the soldering conditions are not
suitable, e.g., excessive time and/or excessive
temperature, the trimmer potentiometer may
deviate from the specified characteristics.
(2) This product cannot be soldered using the flow
soldering method. If you use the flow soldering
method, the trimmer potentiometer may not
function.
(3) The soldering iron should not come in contact
with the case of the trimmer potentiometer. If
such contact does occur, the trimmer
potentiometer may be damaged.
(4) Apply the appropriate amount of solder paste.
If the amount of solder paste applied to the
land is insufficient, the required adhesive
strength cannot be obtained. If an excessive
amount of solder paste is applied, solder
bridging or flux overflow to the resistive
element surface can occur.
2. Mounting
(1) Use our standard land dimension. Excessive land
area causes displacement due to the effect of the
surface tension of the solder. Insufficient
land area leads to insufficient soldering
strength of the chip.
(2) Do not apply excessive force, preferably 4.9N
max. (Ref. 500gf) when the trimmer potentiometer
is mounted to the PCB.
(3) Do not warp and/or bend the PC board to protect
trimmer potentiometer from breakage.
(4) In chip placers, the size of the cylindrical
pick-up nozzle should be outer dimension
2.5-3.0mm dia. and inner dimension
2.0-2.5mm dia.
3. Cleaning
Isopropyl alcohol and ethyl alcohol are applicable
solvents for cleaning. If you use any other types
of solvents, please consult with a Murata factory
representative prior to using.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com