Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PV37W103C01 Datasheet(PDF) 32 Page - Murata Manufacturing Co., Ltd.

Part # PV37W103C01
Description  Trimmer Potentiometers
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

PV37W103C01 Datasheet(HTML) 32 Page - Murata Manufacturing Co., Ltd.

Back Button PV37W103C01 Datasheet HTML 28Page - Murata Manufacturing Co., Ltd. PV37W103C01 Datasheet HTML 29Page - Murata Manufacturing Co., Ltd. PV37W103C01 Datasheet HTML 30Page - Murata Manufacturing Co., Ltd. PV37W103C01 Datasheet HTML 31Page - Murata Manufacturing Co., Ltd. PV37W103C01 Datasheet HTML 32Page - Murata Manufacturing Co., Ltd. PV37W103C01 Datasheet HTML 33Page - Murata Manufacturing Co., Ltd. PV37W103C01 Datasheet HTML 34Page - Murata Manufacturing Co., Ltd. PV37W103C01 Datasheet HTML 35Page - Murata Manufacturing Co., Ltd. PV37W103C01 Datasheet HTML 36Page - Murata Manufacturing Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 55 page
background image
PVG5 Series Notice
Continued from the preceding page.
t3
t2
T3
T2
T5
T4
T1
Time (s)
t1
1. Soldering profile for lead free solder (96.5Sn/3.0Ag/0.5Cu)
Standard Profile
Pre-heating
Heating
Time
°C
Series
PVG5
Temp. (T1)
°C
Time (t1)
sec.
Temp. (T2)
°C
Time (t2)
sec.
Pre-heating
Heating
Time
°C
Temp. (T1)
°C
Time (t1)
sec.
Temp. (T4)
°C
Time (t3)
sec.
Limit Profile
2
245±3
150 to 180 60 to 120
220
30 to 60
2
260 +5/-0
150 to 180 60 to 120
230
30 to 50
Limit Profile
Standard Profile
Time (s)
Standard Profile
t1
T1
t2
T3
T2
2. Soldering profile for Eutectic solder (63Sn/37Pb)
(Limit profile: refer to 1)
Standard Condition
Temperature of Soldering Iron Tip
°C
Soldering Time
sec.
Soldering Iron Power Output
W
350±10
3 max.
30 max.
1
Cycle of Soldering Iron
Time
Reflow Soldering Profile
Cycle of
Reflow
Cycle of
Reflow
Peak
Temperature
(T3)
Peak
Temperature
(T5)
Soldering Iron
Standard Profile
Pre-heating
Heating
Time
°C
Series
PVG5
Temp. (T1)
°C
Time (t1)
sec.
Temp. (T2)
°C
Time (t2)
sec.
Series
PVG5
1
230
150
60 to 120
183
30
Cycle of
Reflow
Peak
Temperature
(T3)
c Soldering Profile
c Notice (Handling)
c Notice (Other)
R50E.pdf
Jul.23,2012
30
!Note • Please read rating and !CAUTION (for storage, operating, rating, soldering, mounting and handling) in this catalog to prevent smoking and/or burning, etc.
• This catalog has only typical specifications. Therefore, please approve our product specifications or transact the approval sheet for product specifications before ordering.
5
1. Please make sure that your product has been
evaluated and confirmed against your
specifications when our product is mounted to your
product.
2. Murata cannot guarantee trimmer potentiometer
integrity when used under conditions other than
those specified in this document.
1. Use suitable screwdrivers that fit comfortably in the
driver slot. We recommend the screwdrivers below.
* Recommended screwdrivers for manual adjustment
<PVG5 series>
VESSEL MFG.: NO.9000-1.3x30
(Murata P/N: KMDR130)
We can supply the screwdrivers above.
If you place an order, please specify the Murata P/N.
2. When adjusting with a screwdriver, do not apply
excessive force, preferable 4.9N max. (Ref 500gf).
3. When using a lock paint to fix the slot position,
please use adhesive resin without chlorine or
sulfur (Three-bond "1401 series") and evaluate
performance with your product. Lock paint may
cause corrosion or electrical problems.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com