Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PV37W103C01 Datasheet(PDF) 10 Page - Murata Manufacturing Co., Ltd.

Part # PV37W103C01
Description  Trimmer Potentiometers
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

PV37W103C01 Datasheet(HTML) 10 Page - Murata Manufacturing Co., Ltd.

Back Button PV37W103C01 Datasheet HTML 6Page - Murata Manufacturing Co., Ltd. PV37W103C01 Datasheet HTML 7Page - Murata Manufacturing Co., Ltd. PV37W103C01 Datasheet HTML 8Page - Murata Manufacturing Co., Ltd. PV37W103C01 Datasheet HTML 9Page - Murata Manufacturing Co., Ltd. PV37W103C01 Datasheet HTML 10Page - Murata Manufacturing Co., Ltd. PV37W103C01 Datasheet HTML 11Page - Murata Manufacturing Co., Ltd. PV37W103C01 Datasheet HTML 12Page - Murata Manufacturing Co., Ltd. PV37W103C01 Datasheet HTML 13Page - Murata Manufacturing Co., Ltd. PV37W103C01 Datasheet HTML 14Page - Murata Manufacturing Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 55 page
background image
PVZ2/PVA2 Series Notice
c Notice (Operating and Storage Conditions)
c Notice (Rating)
1. When using with partial load (rheostat), minimize
the power depending on the resistance value.
2. The maximum input voltage to a trimmer
potentiometer should not exceed (P·R)^1/2 or the
maximum operating voltage, whichever is smaller.
3. If the trimmer potentiometer is used in DC and high
humidity conditions, please connect wiper (#2) for
plus and resistive element (#1 or #3) for minus.
(PVZ Series only)
c Notice (Soldering and Mounting)
Continued on the following page.
R50E.pdf
Jul.23,2012
8
!Note • Please read rating and !CAUTION (for storage, operating, rating, soldering, mounting and handling) in this catalog to prevent smoking and/or burning, etc.
• This catalog has only typical specifications. Therefore, please approve our product specifications or transact the approval sheet for product specifications before ordering.
1
1. Store in temperatures of -10 to +40°C and
relative humidity of 30-85%.
2. Do not store in or near corrosive gases.
3. Use within six months after delivery.
4. Open the package just before using.
5. Do not store under direct sunlight.
6. If you use the trimmer potentiometer in an
environment other than listed at right, please
consult with a Murata factory representative prior
to using.
The trimmer potentiometer should not be used under
the following environmental conditions:
(1) Corrosive gaseous atmosphere
(Ex. Chlorine gas, Hydrogen sulfide gas, Ammonia
gas, Sulfuric acid gas, Nitric oxide gas, etc.)
(2) In liquid
(Ex. Oil, Medical liquid, Organic solvent, etc.)
(3) Dusty/dirty atmosphere
(4) Direct sunlight
(5) Static voltage or electric/magnetic fields
(6) Direct sea breeze
(7) Other variations of the above
1. Soldering
(1) Reflow soldering method and soldering iron are
available. This product cannot be soldered using
the flow soldering method (dipping). If you use the
flow soldering method, the trimmer potentiometer
may not function.
(2) Use our standard land dimension. Excessive land
area causes displacement due to the effect of
the surface tension of the solder. Insufficient
land area leads to insufficient soldering
strength of the chip.
(3) Soldering conditions
Refer to the temperature profile.
If the soldering conditions are not suitable,
e.g., excessive time and/or excessive
temperature, the trimmer potentiometer may
deviate from the specified characteristics.
(4) Apply the appropriate amount of solder paste.
The thickness of solder paste should be printed
from 100 micro m to 150 micro m and the
dimension of land pattern used should be Murata's
standard land pattern at reflow soldering.
Insufficient amounts of solder can lead to
insufficient soldering strength on PCB.
Excessive amounts of solder may cause bridging
between the terminals.
(5) The soldering iron should not come in contact
with the case of the trimmer potentiometer. If
such contact does occur, the trimmer
potentiometer may be damaged.
2. Mounting
(1) Do not apply excessive force, preferably 4.9N
max. (Ref. 500gf) when the trimmer
potentiometer is mounted to the PCB.
(2) Do not warp and/or bend the PC board to protect
trimmer potentiometer from breakage.
(3) In chip placers, the recommended size of the
cylindrical pick-up nozzle should be outer
dimension 1.5-1.8mm dia. and inner dimension
1.3mm dia.
3. Cleaning
(1) In case there is flux on the resistive element,
clean sufficiently with cleaning solvents and
completely remove all residual flux.
(2) Isopropyl alcohol and ethyl alcohol are
applicable solvents for cleaning. If you use any
other types of solvents, please evaluate
performance with your product.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com