Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9952XP Datasheet(PDF) 57 Page - STMicroelectronics

Part # L9952XP
Description  Power management system IC
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9952XP Datasheet(HTML) 57 Page - STMicroelectronics

Back Button L9952XP Datasheet HTML 53Page - STMicroelectronics L9952XP Datasheet HTML 54Page - STMicroelectronics L9952XP Datasheet HTML 55Page - STMicroelectronics L9952XP Datasheet HTML 56Page - STMicroelectronics L9952XP Datasheet HTML 57Page - STMicroelectronics L9952XP Datasheet HTML 58Page - STMicroelectronics L9952XP Datasheet HTML 59Page - STMicroelectronics L9952XP Datasheet HTML 60Page - STMicroelectronics L9952XP Datasheet HTML 61Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 68 page
background image
L9952GXP
SPI control and status registers
Doc ID 13518 Rev 5
57/68
1
x
xx
xx
xx
Open load Appearance / Disappearance at OUT4 is
disabled as wake up source
0
0
0
0
0
0
0
0
Default: all wake up sources are enabled
Table 44.
Configuration bit Ux
Name/state
Definition/function
U3
U2
U1
U0
Defines whether the Inputs WU1..4 are configured with current source or
current sink in standby mode.
xx
x
1
Input WU1 configured with a current source in standby mode
(RWU_act pulldown resistor in active mode - see Table 20.)
xx
1
x
Input WU2 configured with a current source in standby mode
(RWU_act pulldown resistor in active mode - see Table 20.)
x1
x
x
Input WU3 configured with a current source in standby mode
(RWU_act pulldown resistor in active mode - see Table 20.)
1xx
x
Input WU4 configured with a current source in standby mode
(RWU_act pulldown resistor in active mode - see Table 20.)
00
0
0
Default: All Inputs configured with a current sink in standby
(RWU_act pulldown resistor in active mode - see Table 20.)
Table 45.
Configuration bit Lx
Name/state
Definition/function
L2
L1
L0
Defines which signal is looped to the Dig_Out3 and Dig_Out4
(see note)
Dig_Out3
Dig_Out4
0
0
0
WU3 (default)
WU4 (default)
001
HighZ
WU4
010
WU3
HighZ
0
1
1
WU3
Open Load HS2
1
0
0
Open Load HS1
WU4
1
0
1
Open Load HS1
Open Load HS2
1
1
0
Open Load HS1
HighZ
1
1
1
HighZ
Open Load HS2
Table 43.
Configuration bit Wx (continued)
Name/state
Definition/function



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com