Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9952XP Datasheet(PDF) 19 Page - STMicroelectronics

Part # L9952XP
Description  Power management system IC
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9952XP Datasheet(HTML) 19 Page - STMicroelectronics

Back Button L9952XP Datasheet HTML 15Page - STMicroelectronics L9952XP Datasheet HTML 16Page - STMicroelectronics L9952XP Datasheet HTML 17Page - STMicroelectronics L9952XP Datasheet HTML 18Page - STMicroelectronics L9952XP Datasheet HTML 19Page - STMicroelectronics L9952XP Datasheet HTML 20Page - STMicroelectronics L9952XP Datasheet HTML 21Page - STMicroelectronics L9952XP Datasheet HTML 22Page - STMicroelectronics L9952XP Datasheet HTML 23Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 68 page
background image
L9952GXP
Description
Doc ID 13518 Rev 5
19/68
2.10
Fail safe output
After power-on (Vs > VPOR) or wakeup from VBAT -standby mode, the output FSO is set to
“HIGH”, if V1 is above the V1 threshold. FSO is set to “LOW” in case of V1 under voltage or
watchdog failure.
During V1-standby mode, FSO is HIGH unless a V1 under-voltage or watchdog reset
occurs. WD remains enabled in V1 standby mode until IV1 drops below 150uA. In VBAT -
standby mode, FSO is low. At exit from VBAT - standby mode, it goes to high as soon as V1
is stable.
At wakeup FSO remains high, provided that the watchdog is triggered successfully. It is set
low if the watchdog is not served during the long open window of if a V1 under-voltage
occurs.
Figure 5.
FSO
2.11
Reset – generator
IF V1 is turned on and the voltage exceeds the V1 reset threshold, the reset output
“NRESET” is switched to “HIGH” after a 2ms reset delay time. This is necessary for a
defined start of the micro controller when the application is switched on.
As soon as an under voltage condition of the output voltage (V1 < VRT) for more than 8us
appears, the reset output is switched low again.
Figure 6.
NReset
FSO = 0
Vbatstdby Mode
V1 undervoltage
Watchdog Failure
TSD2
NReset = 0
V1 Undervoltage
Wake-up Event 1)
1) Only if
(INT_en = 0) and (wake-up by WU-input or High Side Open Load)
Vpwm2 < 9V
(Exit Flash Mode)
Watchdog
Failure



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com