Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9952XP Datasheet(PDF) 22 Page - STMicroelectronics

Part # L9952XP
Description  Power management system IC
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9952XP Datasheet(HTML) 22 Page - STMicroelectronics

Back Button L9952XP Datasheet HTML 18Page - STMicroelectronics L9952XP Datasheet HTML 19Page - STMicroelectronics L9952XP Datasheet HTML 20Page - STMicroelectronics L9952XP Datasheet HTML 21Page - STMicroelectronics L9952XP Datasheet HTML 22Page - STMicroelectronics L9952XP Datasheet HTML 23Page - STMicroelectronics L9952XP Datasheet HTML 24Page - STMicroelectronics L9952XP Datasheet HTML 25Page - STMicroelectronics L9952XP Datasheet HTML 26Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 68 page
background image
Description
L9952GXP
22/68
Doc ID 13518 Rev 5
2.17
Error handling
The L9952GXP provides the following 3 error handling features which are not described in
the LIN Spec. V2.1, but are realized in different stand alone LIN transceivers / micro
controllers to switch the application back to normal operation mode.
2.17.1
Dominant TxD time out
If TXI is in dominant state (low) for more than 12ms (typ) the transmitter will be disabled until
TXI becomes recessive (high). This feature can be disabled via SPI.
2.17.2
Short to battery time out
If TXI changes to dominant (low) state but RXI signal does not follow within 40
µs, the
transmitter will be disabled until TXI becomes recessive (high).
2.17.3
Short to ground mode
A wake up caused by a message on the bus will start the voltage regulator and the micro
controller to switch the application back to normal operation mode.
2.18
Wake up (from LIN)
In standby mode the L9952GXP can receive a wake up from LIN bus. For the wake up
feature the L9952GXP logic differentiates two different conditions.
2.18.1
Normal wake up
Normal wake up can occur when the LIN transceiver was set in standby mode while LIN was
in recessive (high) state. A dominant level at LIN for at least 40µs, will switch the L9952GXP
to active mode.
2.18.2
Wake up from short to GND condition
If the LIN transceiver was set in standby mode while LIN was in dominant (low) state,
recessive level at LIN for at least 40us, will switch the L9952GXP to active mode.
2.18.3
RxD pin in V1 standby
In V1 standby condition the RxD is a tristate pin.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com