Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9952XP Datasheet(PDF) 50 Page - STMicroelectronics

Part # L9952XP
Description  Power management system IC
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9952XP Datasheet(HTML) 50 Page - STMicroelectronics

Back Button L9952XP Datasheet HTML 46Page - STMicroelectronics L9952XP Datasheet HTML 47Page - STMicroelectronics L9952XP Datasheet HTML 48Page - STMicroelectronics L9952XP Datasheet HTML 49Page - STMicroelectronics L9952XP Datasheet HTML 50Page - STMicroelectronics L9952XP Datasheet HTML 51Page - STMicroelectronics L9952XP Datasheet HTML 52Page - STMicroelectronics L9952XP Datasheet HTML 53Page - STMicroelectronics L9952XP Datasheet HTML 54Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 50 / 68 page
background image
Electrical characteristics
L9952GXP
50/68
Doc ID 13518 Rev 5
7.14.5
DO, FSO, Dig_Out3,4
The voltages are referred to ground and currents are assumed positive, when the current
flows into the pin. 6V < VS < 18V; 4.5V < V1 < 5.3V; all outputs open; Tj = -40°C...130°C,
unless otherwise specified.
7.14.6
DO timing
The voltages are referred to ground and currents are assumed positive, when the current
flows into the pin. 6V < VS < 18V; 4.5V < V1 < 5.3V; all outputs open; Tj = -40°C...130°C,
unless otherwise specified.
Table 32.
DO, FSO, Digout3,4
Item
Symbol
Parameter
Test condition
Min. Typ. Max. Unit
7.14.25
VDOL
Output low level
V1 = 5 V, ID = -4mA
0.5
V
7.14.26
VDOH
Output high level
V = 5 V, ID = 4 mA
4.5
V
7.14.27
IDOLK
(1)
1.
Not valid for FSO
Tristate leakage current
VCSN = V1,
0 V < VDO <´V1
-10
10
uA
7.14.28
CDO
Tristate input capacitance
VCSN = V1,
0 V < V1 < 5.3 V
10
15
pF
Table 33.
DO timing
Item
Symbol
Parameter
Test condition
Min. Typ. Max. Unit
7.14.29
tr DO
DO rise time
CL = 100 pF,
Iload = -1 mA
-50
100
ns
7.14.30
tf DO
DO fall time
CL = 100 pF,
Iload = 1 mA
-50
100
ns
7.14.31
ten DO tri L
DO enable time
from tristate to low level
CL = 100 pF,
Iload = 1 mA
pull-up load to V1
-50
250
ns
7.14.32
tdis DO L tri
DO disable time
from low level to tristate
CL = 100 pF,
Iload = 4 mA
pull-up load to V1
-50
250
ns
7.14.33
ten DO tri H
DO enable time
from tristate to high level
CL = 100 pF,
Iload = -1 mA
pull- down load to
GND
-50
250
ns
7.14.34
tdis DO H tri
DO disable time
from high level to tristate
CL = 100 pF,
Iload = -4 mA
pull-down load to
GND
-50
250
ns
7.14.35
td DO
DO delay time
VDO < 0.3 V1,
VDO > 0.7 V1,
CL = 100 pF
-50
250
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com