Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9952XP Datasheet(PDF) 48 Page - STMicroelectronics

Part # L9952XP
Description  Power management system IC
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9952XP Datasheet(HTML) 48 Page - STMicroelectronics

Back Button L9952XP Datasheet HTML 44Page - STMicroelectronics L9952XP Datasheet HTML 45Page - STMicroelectronics L9952XP Datasheet HTML 46Page - STMicroelectronics L9952XP Datasheet HTML 47Page - STMicroelectronics L9952XP Datasheet HTML 48Page - STMicroelectronics L9952XP Datasheet HTML 49Page - STMicroelectronics L9952XP Datasheet HTML 50Page - STMicroelectronics L9952XP Datasheet HTML 51Page - STMicroelectronics L9952XP Datasheet HTML 52Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 68 page
background image
Electrical characteristics
L9952GXP
48/68
Doc ID 13518 Rev 5
7.14
SPI
7.14.1
Input: CSN
The voltages are referred to ground and currents are assumed positive, when the current
flows into the pin. 6V < VS < 18V; 4.5V < V1 < 5.3V; all outputs open; Tj = -40°C...130°C,
unless otherwise specified.
7.14.2
Inputs: CLK, DI, PWM 1, PWM 2
The voltages are referred to ground and currents are assumed positive, when the current
flows into the pin. 6V< VS <18V; 4.5V < V1 < 5.3V; all outputs open; Tj = -40°C...130°C,
unless otherwise specified.
Table 28.
SPI (Input CSN)
Item
Symbol
Parameter
Test condition
Min.
Typ. Max. Unit
7.14.1
VCSNLOW
Input voltage low level
Active mode,
V1 = 5V
0.5
1.0
1.6
V
7.14.2
VCSNHIGH
Input voltage high level
Active mode,
V1=5V
1
1.75
2.5
V
7.14.3
VCSNHYS
VCSNHIGH - VCSNLOW
Active mode,
V1=5V
0.5
1.0
1.5
V
7.14.4
ICSNPU
CSN pull up current
Active mode and
V1 Standby
mode,V1=5V
-5
-30
-60
µA
7.14.5
ICSNPD
CSN pull-down current
In Vbat- standby
mode
530
60
µA
Table 29.
Inputs: CLK, DI, PWM 1, PWM 2
Item
Symbol
Parameter
Test condition
Min. Typ. Max. Unit
7.14.6
tset
Delay time from standby
to active mode
Switching from
standby to active
mode. Time until
output drivers are
enabled after CSN
going to high.
160
300
µs
7.14.7
Vin L
Input low level
V1 = 5 V
1.0
2.05
2.5
V
7.14.8
Vin H
Input high level
V1 = 5 V
1.5
2.8
3.3
V
7.14.9
Vin Hyst
Input hysteresis
V1 = 5 V
0.4
0.75
1.5
V
7.14.10
I in
Pull down current at input
Vin = 1.5 V
5
30
60
µA
7.14.11
Cin
(1)
1.
Value of input capacity is not measured in production test. Parameter guaranteed by design.
Input capacitance at input
CSN, CLK, DI and
PWM1,2
0V < V1 < 5.3V
10
15
pF
7.14.12
fCLK
SPI input frequency at
CLK
1MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com