Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9952XP Datasheet(PDF) 37 Page - STMicroelectronics

Part # L9952XP
Description  Power management system IC
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9952XP Datasheet(HTML) 37 Page - STMicroelectronics

Back Button L9952XP Datasheet HTML 33Page - STMicroelectronics L9952XP Datasheet HTML 34Page - STMicroelectronics L9952XP Datasheet HTML 35Page - STMicroelectronics L9952XP Datasheet HTML 36Page - STMicroelectronics L9952XP Datasheet HTML 37Page - STMicroelectronics L9952XP Datasheet HTML 38Page - STMicroelectronics L9952XP Datasheet HTML 39Page - STMicroelectronics L9952XP Datasheet HTML 40Page - STMicroelectronics L9952XP Datasheet HTML 41Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 68 page
background image
L9952GXP
Electrical characteristics
Doc ID 13518 Rev 5
37/68
7.6
Reset generator (V1 supervision)
The voltages are referred to GND and currents are assumed positive, when the current
flows into the pin. 5.25V < VS = 18V; Tj = -40 to 130 °C, unless otherwise specified.
7.7
Watchdog
6V < VS < 18V; 4.8V < V1 < 5.2V; Tj = -40 to 130 °C, unless otherwise specified
Table 15.
Reset generator
Item
Symbol
Parameter
Test condition
Min.
Typ. Max. Unit
7.6.1
VRT1
Reset threshold voltage1
VS, VV1 inc. /
decreasing
4.5
4.63
4.75
V
7.6.2
VRT2
Reset threshold voltage2
VS, VV1 inc. /
decreasing
4.25
4.37
4.5
V
7.6.3
VRESET
Reset pin low output
voltage
V1 > 1V,
IRESET = 1mA
0,2
0,4
V
7.6.4
RRESET
Reset pull up int. resistor
60
110
204
k
Ω
7.6.5
tRR
Reset reaction time
@Iload = 1mA
6
40
µs
7.6.6
V1 under-voltage filter time
16
µs
Table 16.
Watchdog (1)
1.
See Figure 13.
Item
Symbol
Parameter
Test condition
Min.
Typ.
Max.
Unit
7.7.1
tLW
Long open window
48,75
65
81,25
ms
7.7.2
tCW
Closed window
4.5
6
7.5
ms
7.7.3
tOW
Open window
7.5
10
12.5
ms
7.7.4
tWDR
Watchdog reset pulse time
1.5
2
2. 5
ms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com