Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9952XP Datasheet(PDF) 39 Page - STMicroelectronics

Part # L9952XP
Description  Power management system IC
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9952XP Datasheet(HTML) 39 Page - STMicroelectronics

Back Button L9952XP Datasheet HTML 35Page - STMicroelectronics L9952XP Datasheet HTML 36Page - STMicroelectronics L9952XP Datasheet HTML 37Page - STMicroelectronics L9952XP Datasheet HTML 38Page - STMicroelectronics L9952XP Datasheet HTML 39Page - STMicroelectronics L9952XP Datasheet HTML 40Page - STMicroelectronics L9952XP Datasheet HTML 41Page - STMicroelectronics L9952XP Datasheet HTML 42Page - STMicroelectronics L9952XP Datasheet HTML 43Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 68 page
background image
L9952GXP
Electrical characteristics
Doc ID 13518 Rev 5
39/68
Figure 14. Watchdog, closed and open window tolerances and save trigger area
7.8
High side outputs
7.8.1
Output (Out_HS)
The voltages are referred to gnd and currents are assumed positive, when the current flows
into the pin. 6V < VS < 18V; 4.8V < V1 < 5.2V; Tj = -40°C...130°C, unless otherwise
specified.
4.5
7.5
12
20
save trigger area
TCW, min
TCW, max
TWD= 10ms
TOW, max
TOW, min
TWD = nominal trigger time
TCW = closed window
TOW = open window
time / ms
watchdog failure
undefined
Table 17.
High side outputs (Out_HS)
Item
Symbol
Parameter
Test condition
Min.
Typ. Max. Unit
7.8.1
RDSON
OUT_HS
Static Drain Source
On-resistance to supply
(IOUT_HS=150mA)
Tj = 25°C
0
1.0
1.5
Ω
Tj = 125°C
01.6
3
Ω
7.8.2
tdONHS
Switch on delay time
0.2 VS
10
35
60
µs
7.8.3
tdOFFHS
Switch off delay time
0.8VS
40
95
150
µs
7.8.4
tdSDHS
Short circuit filter time
Tested by scan
chain
64*
TOSC
7.8.5
tdARHS
Auto recovery filter time
Tested by scan
chain
400*
TOSC
7.8.6
dVout/dt
Slew rate
0.2
0.5
0.8
V/µs
7.8.7
IOSDHS
Short circuit shutdown
current
480
900
1320
mA
7.8.8
IOLD
Open load detection
current
40
80
120
mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com