Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9952XP Datasheet(PDF) 40 Page - STMicroelectronics

Part # L9952XP
Description  Power management system IC
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9952XP Datasheet(HTML) 40 Page - STMicroelectronics

Back Button L9952XP Datasheet HTML 36Page - STMicroelectronics L9952XP Datasheet HTML 37Page - STMicroelectronics L9952XP Datasheet HTML 38Page - STMicroelectronics L9952XP Datasheet HTML 39Page - STMicroelectronics L9952XP Datasheet HTML 40Page - STMicroelectronics L9952XP Datasheet HTML 41Page - STMicroelectronics L9952XP Datasheet HTML 42Page - STMicroelectronics L9952XP Datasheet HTML 43Page - STMicroelectronics L9952XP Datasheet HTML 44Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 68 page
background image
Electrical characteristics
L9952GXP
40/68
Doc ID 13518 Rev 5
7.8.2
Outputs (OUT1...4)
The voltages are referred to GND and currents are assumed positive, when the current
flows into the pin. 6V < VS < 18V; 4.8V < V1 < 5.2V; Tj = -40°C...130°C, unless otherwise
specified.
7.9
Relay drivers
The voltages are referred to GND and currents are assumed positive, when the current
flows into the pin. 6V < VS < 18V; 4.8V < V1 < 5.2V; Tj = -40 to 130 °C, unless otherwise
specified.
Table 18.
High side outputs (OUT 1..4)
Item
Symbol
Parameter
Test condition
Min.
Typ. Max. Unit
7.8.11
RDSON
On – resistance
ILOAD = 60mA @
Tj=+25°C
07
12
Ω
7.8.12
IOUT
Short circuit shutdown
current
8V < Vs < 16V
140
235
330
mA
7.8.13
IOLD1
Open load detection
current 1
Selectable via SPI
0.8
2
4
mA
7.8.14
IOLD2
Open load detection
current 2
68
13
mA
7.8.15
SR
Slew rate
0.2
0.5
0.8
V/µs
7.8.16
tdONHS
Switch ON delay time
0.2 VS
10
35
60
µs
7.8.17
tdOFFHS
Switch OFF delay time
0.8 VS
40
95
150
µs
7.8.18
tSCF
Short circuit filter time
Tested by scan
chain
64*
TOSC
7.8.19
IFW
(1)
1.
Parameter guaranteed by design
Loss of GND current
(ESD structure)
100
mA
Table 19.
Relay drivers
Item
Symbol
Parameter
Test condition
Min.
Typ. Max. Unit
7.9.1
RDSON
DC output resistance
ILOAD = 100mA @
Tj = +25°C
02
3
Ω
7.9.2
IOUT
Short circuit shutdown
current
8V < Vs < 16V
250
375
500
mA
7.9.3
VZ
Output clamp voltage (1)
ILOAD = 100mA
40
48
V
7.9.4
tONHL
Turn on delay time to 10%
VOUT
5
50
100
µs
7.9.5
tOFFLH
Turn off delay time to 90%
VOUT
5
50
100
µs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com