Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9952XP Datasheet(PDF) 12 Page - STMicroelectronics

Part # L9952XP
Description  Power management system IC
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9952XP Datasheet(HTML) 12 Page - STMicroelectronics

Back Button L9952XP Datasheet HTML 8Page - STMicroelectronics L9952XP Datasheet HTML 9Page - STMicroelectronics L9952XP Datasheet HTML 10Page - STMicroelectronics L9952XP Datasheet HTML 11Page - STMicroelectronics L9952XP Datasheet HTML 12Page - STMicroelectronics L9952XP Datasheet HTML 13Page - STMicroelectronics L9952XP Datasheet HTML 14Page - STMicroelectronics L9952XP Datasheet HTML 15Page - STMicroelectronics L9952XP Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 68 page
background image
Description
L9952GXP
12/68
Doc ID 13518 Rev 5
2.2
Power control in operating modes
The L9952GXP can be operated in 4 different operating modes:
●
Active
●
Flash
●
V1- standby
●
VBAT - standby
A cyclic monitoring of wake-up inputs is available in stand-by modes.
2.2.1
Active mode
All functions are available.
2.2.2
Flash mode
To disable the watchdog feature a FLASH program mode is available.
The mode can be entered by VPWM2 ≥ 9V
In this case all other functions are the same as in active mode
Watchdog can be disabled as well as soon as L9952GXP enters the V1 standby mode (see
section 2.9 for details)
Note:
“High” level for flash mode selection is VPWM2 ≥ 9V. For all other operation modes, standard
5V logic signals are required. For proper operation PWM1 must not be set to a voltage level
above standard 5V logic.
2.2.3
V1 standby mode
Outputs and internal loads are switched off. To supply the micro controller in a low power
mode, the voltage regulator1 (V1) remains active. The intention of the V1 standby mode is
to preserve the RAM contents. A cyclic contact supply and wake-up input sense feature (for
cyclic monitoring of external contacts) can be activated by SPI.
2.2.4
VBAT standby mode
To achieve minimum current consumption during VBAT standby mode, all L9952GXP
functions (except the ones for wake up functionality) are switched off.
In VBAT - standby mode the current consumption of the L9952GXP is reduced to 7µA, typical
(without cyclic sense feature selected).
The transitions from active mode to either V1-standby or VBAT - standby are controlled by
SPI.
VBAT - standby mode is dominant; i.e. if both bits, V1 - standby and VBAT - standby are set to
“1”, the L9952GXP will enter VBAT - standby mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com