Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9952XP Datasheet(PDF) 65 Page - STMicroelectronics

Part # L9952XP
Description  Power management system IC
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9952XP Datasheet(HTML) 65 Page - STMicroelectronics

Back Button L9952XP Datasheet HTML 60Page - STMicroelectronics L9952XP Datasheet HTML 61Page - STMicroelectronics L9952XP Datasheet HTML 62Page - STMicroelectronics L9952XP Datasheet HTML 63Page - STMicroelectronics L9952XP Datasheet HTML 64Page - STMicroelectronics L9952XP Datasheet HTML 65Page - STMicroelectronics L9952XP Datasheet HTML 66Page - STMicroelectronics L9952XP Datasheet HTML 67Page - STMicroelectronics L9952XP Datasheet HTML 68Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 65 / 68 page
background image
L9952GXP
Package and packing information
Doc ID 13518 Rev 5
65/68
D
10.10
-
10.50
E7.4
-
7.6
e-
0.5
-
e3
-
8.5
-
F-
2.3
-
G-
-
0.1
G1
-
-
0.06
H
10.1
-
10.5
h-
-
0.4
k0°
-
8°
L
0.55
-
0.85
M-
4.3
-
N
-
-
10 deg
O-
1.2
-
Q-
0.8
-
S-
2.9
-
T
-
3.65
-
U-
1.0
-
X4.1
-
4.7
Y6.5
-
7.1
Table 60.
PowerSSO-36 mechanical data (continued)
Symbol
Millimeters
Min.
Typ.
Max.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com