Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9952XP Datasheet(PDF) 11 Page - STMicroelectronics

Part # L9952XP
Description  Power management system IC
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9952XP Datasheet(HTML) 11 Page - STMicroelectronics

Back Button L9952XP Datasheet HTML 7Page - STMicroelectronics L9952XP Datasheet HTML 8Page - STMicroelectronics L9952XP Datasheet HTML 9Page - STMicroelectronics L9952XP Datasheet HTML 10Page - STMicroelectronics L9952XP Datasheet HTML 11Page - STMicroelectronics L9952XP Datasheet HTML 12Page - STMicroelectronics L9952XP Datasheet HTML 13Page - STMicroelectronics L9952XP Datasheet HTML 14Page - STMicroelectronics L9952XP Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 68 page
background image
L9952GXP
Description
Doc ID 13518 Rev 5
11/68
2
Description
2.1
Voltage regulator
The L9952GXP contains 2 independent and fully protected low drop voltage regulators,
which are designed for very fast transient response.
The output voltage is stable with loads capacitors > 220nF.
2.1.1
Voltage regulator: V1
The voltage regulator V1 provides 5V supply voltage and up to 250mA continuous load
current for the external digital logic (micro controller, CAN transceiver ...). In addition the
regulator V1 drives the L9952GXP internal 5V loads. The voltage regulator is protected
against overload and over-temperature. An external reverse current protection has to be
provided by the application circuitry to prevent the output capacitor from being discharged
by negative transients or low input voltage. The output voltage precision is better than +/-2%
(incl. temperature drift and line-/load regulation) for operating mode; respectively +/-3%
during low current mode. Current limitation of the regulator ensures fast charge of external
bypass capacitors. The output voltage is stable for ceramic load capacitors > 220nF.
If device Temperature exceeds TSD1 threshold, all outputs (Hsx, Lsx, V2, LIN) will be
deactivated except V1. Hence the micro controller has the possibility for interaction or error
logging. In case of exceeding TSD2 threshold (TSD2>TSD1), also V1 will be deactivated
(see state chart Fig. 3.1: “Protection and diagnosis”). A timer is started and the voltage
regulator is deactivated for tTSD = 1sec. During this time, all other wakeup sources (CAN,
LIN, and WU1...4) are disabled. After 1 sec, the voltage regulator will try to restart
automatically. If TSD2 occurs within one minute and for 8 consecutive times, the L9952GXP
enters the VBAT - standby mode.
In case of short to GND at “V1” after initial turn on (V1 < 2V for at least 4ms) the L9952GXP
enters the VBAT - standby mode. Reactivation (wake-up) of the device can be achieved with
signals from CAN, LIN, WU1..4, SPI.
2.1.2
Voltage regulator: V2
The voltage regulator V2 supplies additional 5V loads (e.g. Logic components, external
sensors, external potentiometers). The continuous load current is 50mA. The regulator
provides accuracy better than + 3% @ 50mA (4% @ 100mA) load current.
In case of short to GND at “V2” after initial turn on (V2 < 2V for at least 4ms) the V2
regulator is switched off. Micro processor has to send a clear command to reactivate the V2
regulator.
V2 is protected against:
●
Overload
●
Over temperature
●
Short circuit (short to ground and battery supply voltage)
●
Reverse biasing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com