Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST7LITE20F2 Datasheet(PDF) 64 Page - STMicroelectronics

Part # ST7LITE20F2
Description  8-bit microcontroller with single voltage Flash memory, data EEPROM, ADC, Timers, SPI
PDF  166 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7LITE20F2 Datasheet(HTML) 64 Page - STMicroelectronics

Back Button ST7LITE20F2 Datasheet HTML 60Page - STMicroelectronics ST7LITE20F2 Datasheet HTML 61Page - STMicroelectronics ST7LITE20F2 Datasheet HTML 62Page - STMicroelectronics ST7LITE20F2 Datasheet HTML 63Page - STMicroelectronics ST7LITE20F2 Datasheet HTML 64Page - STMicroelectronics ST7LITE20F2 Datasheet HTML 65Page - STMicroelectronics ST7LITE20F2 Datasheet HTML 66Page - STMicroelectronics ST7LITE20F2 Datasheet HTML 67Page - STMicroelectronics ST7LITE20F2 Datasheet HTML 68Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 166 page
background image
I/O ports
ST7LITE20F2 ST7LITE25F2 ST7LITE29F2
64/166
Doc ID 8349 Rev 5
Spurious interrupts
When enabling/disabling an external interrupt by setting/resetting the related OR register bit,
a spurious interrupt is generated if the pin level is low and its edge sensitivity includes
falling/rising edge. This is due to the edge detector input which is switched to '1' when the
external interrupt is disabled by the OR register.
To avoid this unwanted interrupt, a "safe" edge sensitivity (rising edge for enabling and
falling edge for disabling) has to be selected before changing the OR register bit and
configuring the appropriate sensitivity again.
Caution:
In case a pin level change occurs during these operations (asynchronous signal input), as
interrupts are generated according to the current sensitivity, it is advised to disable all
interrupts before and to reenable them after the complete previous sequence in order to
avoid an external interrupt occurring on the unwanted edge.
This corresponds to the following steps:
1.
To enable an external interrupt:
–
set the interrupt mask with the SIM instruction (in cases where a pin level change
could occur)
–
select rising edge
–
enable the external interrupt through the OR register
–
select the desired sensitivity if different from rising edge
–
reset the interrupt mask with the RIM instruction (in cases where a pin level
change could occur).
2.
To disable an external interrupt:
–
set the interrupt mask with the SIM instruction SIM (in cases where a pin level
change could occur)
–
select falling edge
–
disable the external interrupt through the OR register
–
select rising edge
–
reset the interrupt mask with the RIM instruction (in cases where a pin level
change could occur).
10.2.2
Output modes
Setting the DDRx bit selects output mode. Writing to the DR bits applies a digital value to the
I/O through the latch. Reading the DR bits returns the previously stored value.
If an OR bit is available, different output modes can be selected by software: push-pull or
opendrain. Refer to I/O Port Implementation section for configuration.
Table 21.
DR value and output pin status
DR
Push-pull
Open-drain
0VOL
VOL
1VOH
Floating



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com