Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST7LITE20F2 Datasheet(PDF) 82 Page - STMicroelectronics

Part # ST7LITE20F2
Description  8-bit microcontroller with single voltage Flash memory, data EEPROM, ADC, Timers, SPI
PDF  166 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7LITE20F2 Datasheet(HTML) 82 Page - STMicroelectronics

Back Button ST7LITE20F2 Datasheet HTML 78Page - STMicroelectronics ST7LITE20F2 Datasheet HTML 79Page - STMicroelectronics ST7LITE20F2 Datasheet HTML 80Page - STMicroelectronics ST7LITE20F2 Datasheet HTML 81Page - STMicroelectronics ST7LITE20F2 Datasheet HTML 82Page - STMicroelectronics ST7LITE20F2 Datasheet HTML 83Page - STMicroelectronics ST7LITE20F2 Datasheet HTML 84Page - STMicroelectronics ST7LITE20F2 Datasheet HTML 85Page - STMicroelectronics ST7LITE20F2 Datasheet HTML 86Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 82 / 166 page
background image
On-chip peripherals
ST7LITE20F2 ST7LITE25F2 ST7LITE29F2
82/166
Doc ID 8349 Rev 5
Break control register (BREAKCR)
Read/Write
Reset Value: 0000 0000 (00h)
●
Bits 7:6 = Reserved. Forced by hardware to 0.
●
Bit 5 =
BA Break Active
This bit is read/write by software, cleared by hardware after reset and set by hardware
when the BREAK pin is low. It activates/deactivates the Break function.
0: Break not active
1: Break active
●
Bit 4 =
BPEN Break pin enable
This bit is read/write by software and cleared by hardware after Reset.
0: Break pin disabled
1: Break pin enabled
●
Bits 3:0 =
PWM[3:0] Break pattern
These bits are read/write by software and cleared by hardware after a reset. They are
used to force the four PWMx output signals into a stable state when the Break function
is active.
PWMx duty cycle register high (DCRxH)
Read / Write
Reset Value: 0000 0000 (00h)
PWMx duty cycle register low (DCRxL)
Read / Write
Reset value: 0000 0000 (00h)
●
Bits 15:12 = Reserved
●
Bits 11:0 =
DCR[11:0] PWMx duty cycle value
This 12-bit value is written by software. It defines the duty cycle of the corresponding
PWM output signal (see Figure 36).
In PWM mode (OEx=1 in the PWMCR register) the DCR[11:0] bits define the duty
cycle of the PWMx output signal (see Figure 36). In Output Compare mode, they define
the value to be compared with the 12-bit upcounter value.
7
0
0
0
BA
BPEN
PWM3
PWM2
PWM1
PWM0
15
8
0
0
0
0
DCR11
DCR10
DCR9
DCR8
7
0
DCR7
DCR6
DCR5
DCR4
DCR3
DCR2
DCR1
DCR0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com