Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST7LITE20F2 Datasheet(PDF) 29 Page - STMicroelectronics

Part # ST7LITE20F2
Description  8-bit microcontroller with single voltage Flash memory, data EEPROM, ADC, Timers, SPI
PDF  166 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7LITE20F2 Datasheet(HTML) 29 Page - STMicroelectronics

Back Button ST7LITE20F2 Datasheet HTML 25Page - STMicroelectronics ST7LITE20F2 Datasheet HTML 26Page - STMicroelectronics ST7LITE20F2 Datasheet HTML 27Page - STMicroelectronics ST7LITE20F2 Datasheet HTML 28Page - STMicroelectronics ST7LITE20F2 Datasheet HTML 29Page - STMicroelectronics ST7LITE20F2 Datasheet HTML 30Page - STMicroelectronics ST7LITE20F2 Datasheet HTML 31Page - STMicroelectronics ST7LITE20F2 Datasheet HTML 32Page - STMicroelectronics ST7LITE20F2 Datasheet HTML 33Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 166 page
background image
ST7LITE20F2 ST7LITE25F2 ST7LITE29F2
Central processing unit
Doc ID 8349 Rev 5
29/166
6
Central processing unit
6.1
Introduction
This CPU has a full 8-bit architecture and contains six internal registers allowing efficient
8-bit data manipulation.
6.2
Main features
●
63 basic instructions
●
Fast 8-bit by 8-bit multiply
●
17 main addressing modes
●
Two 8-bit index registers
●
16-bit stack pointer
●
Low power modes
●
Maskable hardware interrupts
●
Non-maskable software interrupt
6.3
CPU registers
The 6 CPU registers shown in Figure 10 are not present in the memory mapping and are
accessed by specific instructions.
Figure 10. CPU registers
Accumulator
X index register
Y index register
Stack pointer
Condition code register
Program counter
70
1C
11H I
N Z
Reset value = reset vector @ FFFEh-FFFFh
70
70
70
0
7
15
8
PCH
PCL
15
8
70
Reset value = stack higher address
Reset value =
1X
11X 1X X
Reset value = XXh
Reset value = XXh
Reset value = XXh
X = Undefined value



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com