Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST7LITE20F2 Datasheet(PDF) 34 Page - STMicroelectronics

Part # ST7LITE20F2
Description  8-bit microcontroller with single voltage Flash memory, data EEPROM, ADC, Timers, SPI
PDF  166 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7LITE20F2 Datasheet(HTML) 34 Page - STMicroelectronics

Back Button ST7LITE20F2 Datasheet HTML 30Page - STMicroelectronics ST7LITE20F2 Datasheet HTML 31Page - STMicroelectronics ST7LITE20F2 Datasheet HTML 32Page - STMicroelectronics ST7LITE20F2 Datasheet HTML 33Page - STMicroelectronics ST7LITE20F2 Datasheet HTML 34Page - STMicroelectronics ST7LITE20F2 Datasheet HTML 35Page - STMicroelectronics ST7LITE20F2 Datasheet HTML 36Page - STMicroelectronics ST7LITE20F2 Datasheet HTML 37Page - STMicroelectronics ST7LITE20F2 Datasheet HTML 38Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 166 page
background image
Supply, reset and clock management
ST7LITE20F2 ST7LITE25F2 ST7LITE29F2
34/166
Doc ID 8349 Rev 5
Note:
See Section 13: Electrical characteristics for more information on the frequency and
accuracy of the RC oscillator.
To improve clock stability and frequency accuracy, it is recommended to place a decoupling
capacitor, typically 100nF, between the VDD and VSS pins as close as possible to the ST7
device.
These two bytes are systematically programmed by ST, including on FASTROM devices.
Consequently, customers intending to use FASTROM service must not use these two bytes.
RCCR0 and RCCR1 calibration values will be erased if the Read-out protection bit is reset
after it has been set. See Section 4.5.1: Read-out protection.
Caution:
If the voltage or temperature conditions change in the application, the frequency may need
to be recalibrated.
Refer to application note AN1324 for information on how to calibrate the RC frequency using
an external reference signal.
7.2
Phase locked loop (PLL)
The PLL can be used to multiply a 1 MHz frequency from the RC oscillator or the external
clock by 4 or 8 to obtain fOSC of 4 or 8 MHz. The PLL is enabled and the multiplication factor
of 4 or 8 is selected by 2 option bits.
●
The x4 PLL is intended for operation with VDD in the 2.4 V to 3.3 V range
●
The x8 PLL is intended for operation with VDD in the 3.3 V to 5.5 V range
Note:
Refer to Section 15.1: Option bytes for the option byte description.
If the PLL is disabled and the RC oscillator is enabled, then fOSC = 1 MHz.
If both the RC oscillator and the PLL are disabled, fOSC is driven by the external clock.
Figure 12. PLL output frequency timing diagram
When the PLL is started, after reset or wakeup from HALT mode or AWUF mode, it outputs
the clock after a delay of tSTARTUP.
When the PLL output signal reaches the operating frequency, the LOCKED bit in the
SICSCR register is set. Full PLL accuracy (ACCPLL) is reached after a stabilization time of
4/8 x
freq.
LOCKED bit set
tSTAB
tLOCK
input
tSTARTUP
t



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com