Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST7LITE20F2 Datasheet(PDF) 73 Page - STMicroelectronics

Part # ST7LITE20F2
Description  8-bit microcontroller with single voltage Flash memory, data EEPROM, ADC, Timers, SPI
PDF  166 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7LITE20F2 Datasheet(HTML) 73 Page - STMicroelectronics

Back Button ST7LITE20F2 Datasheet HTML 69Page - STMicroelectronics ST7LITE20F2 Datasheet HTML 70Page - STMicroelectronics ST7LITE20F2 Datasheet HTML 71Page - STMicroelectronics ST7LITE20F2 Datasheet HTML 72Page - STMicroelectronics ST7LITE20F2 Datasheet HTML 73Page - STMicroelectronics ST7LITE20F2 Datasheet HTML 74Page - STMicroelectronics ST7LITE20F2 Datasheet HTML 75Page - STMicroelectronics ST7LITE20F2 Datasheet HTML 76Page - STMicroelectronics ST7LITE20F2 Datasheet HTML 77Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 73 / 166 page
background image
ST7LITE20F2 ST7LITE25F2 ST7LITE29F2
On-chip peripherals
Doc ID 8349 Rev 5
73/166
11.1.6
Register description
Control register (CR)
Read/Write
Reset value: 0111 1111 (7Fh)
●
Bit 7 =
WDGA Activation bit.
This bit is set by software and only cleared by hardware after a reset.
When WDGA = 1, the watchdog can generate a reset.
0: Watchdog disabled
1: Watchdog enabled
Note:
This bit is not used if the hardware watchdog option is enabled by option byte.
●
Bits 6:0 =
T[6:0] 7-bit timer (MSB to LSB).
These bits contain the decremented value. A reset is produced when it rolls over from
40h to 3Fh (T6 becomes cleared).
11.2
12-bit autoreload timer 2 (AT2)
11.2.1
Introduction
The 12-bit Autoreload Timer can be used for general-purpose timing functions. It is based
on a free-running 12-bit upcounter with an input capture register and four PWM output
channels. There are 6 external pins:
–
Four PWM outputs
–
ATIC pin for the Input Capture function
–
BREAK pin for forcing a break condition on the PWM outputs.
7
0
WDGA
T6
T5
T4
T3
T2
T1
T0
Table 32.
Watchdog timer register map and reset values
Address
(Hex.)
Register
label
76
54
32
10
002Eh
WDGCR
Reset value
WDGA
0
T6
1
T5
1
T4
1
T3
1
T2
1
T1
1
T0
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com