Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST7LITE20F2 Datasheet(PDF) 85 Page - STMicroelectronics

Part # ST7LITE20F2
Description  8-bit microcontroller with single voltage Flash memory, data EEPROM, ADC, Timers, SPI
PDF  166 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7LITE20F2 Datasheet(HTML) 85 Page - STMicroelectronics

Back Button ST7LITE20F2 Datasheet HTML 81Page - STMicroelectronics ST7LITE20F2 Datasheet HTML 82Page - STMicroelectronics ST7LITE20F2 Datasheet HTML 83Page - STMicroelectronics ST7LITE20F2 Datasheet HTML 84Page - STMicroelectronics ST7LITE20F2 Datasheet HTML 85Page - STMicroelectronics ST7LITE20F2 Datasheet HTML 86Page - STMicroelectronics ST7LITE20F2 Datasheet HTML 87Page - STMicroelectronics ST7LITE20F2 Datasheet HTML 88Page - STMicroelectronics ST7LITE20F2 Datasheet HTML 89Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 85 / 166 page
background image
ST7LITE20F2 ST7LITE25F2 ST7LITE29F2
On-chip peripherals
Doc ID 8349 Rev 5
85/166
11.3
Lite timer 2 (LT2)
11.3.1
Introduction
The Lite timer can be used for general-purpose timing functions. It is based on two free-
running 8-bit upcounters, an 8-bit input capture register.
11.3.2
Main features
●
Real-time clock
–
One 8-bit upcounter 1 ms or 2 ms timebase period (@ 8 MHz fOSC)
–
One 8-bit upcounter with autoreload and programmable timebase period from 4µs
to 1.024 ms in 4 µs increments (@ 8 MHz fOSC)
–
2 Maskable timebase interrupts.
●
Input capture
–
8-bit input capture register (LTICR)
–
Maskable interrupt with wakeup from HALT mode capability.
20
ATICRL
Reset value
ICR7
0
ICR6
0
ICR5
0
ICR4
0
ICR3
0
ICR2
0
ICR1
0
ICR0
0
21
TRANCR
Reset value
0
000
0
0
0
TRAN
1
22
BREAKCR
Reset value
00
BA
0
BPEN
0
PWM3
0
PWM2
0
PWM1
0
PWM0
0
Table 36.
Register map and reset values (continued)
Address
(Hex.)
Register
label
7
654
3
2
1
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com