Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST7LITE20F2 Datasheet(PDF) 76 Page - STMicroelectronics

Part # ST7LITE20F2
Description  8-bit microcontroller with single voltage Flash memory, data EEPROM, ADC, Timers, SPI
PDF  166 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7LITE20F2 Datasheet(HTML) 76 Page - STMicroelectronics

Back Button ST7LITE20F2 Datasheet HTML 72Page - STMicroelectronics ST7LITE20F2 Datasheet HTML 73Page - STMicroelectronics ST7LITE20F2 Datasheet HTML 74Page - STMicroelectronics ST7LITE20F2 Datasheet HTML 75Page - STMicroelectronics ST7LITE20F2 Datasheet HTML 76Page - STMicroelectronics ST7LITE20F2 Datasheet HTML 77Page - STMicroelectronics ST7LITE20F2 Datasheet HTML 78Page - STMicroelectronics ST7LITE20F2 Datasheet HTML 79Page - STMicroelectronics ST7LITE20F2 Datasheet HTML 80Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 76 / 166 page
background image
On-chip peripherals
ST7LITE20F2 ST7LITE25F2 ST7LITE29F2
76/166
Doc ID 8349 Rev 5
Figure 36. PWM function
Figure 37. PWM signal from 0% to 100% duty cycle
Output compare mode
To use this function, load a 12-bit value in the DCRxH and DCRxL registers.
When the 12-bit upcounter (CNTR) reaches the value stored in the DCRxH and DCRxL
registers, the CMPF bit in the PWMxCSR register is set and an interrupt request is
generated if the CMPIE bit is set.
Note:
The output compare function is only available for DCRx values other than 0 (reset value).
Break function
The break function is used to perform an emergency shutdown of the power converter.
The break function is activated by the external BREAK pin (active low). In order to use the
BREAK pin it must be previously enabled by software setting the BPEN bit in the BREAKCR
register.
When a low level is detected on the BREAK pin, the BA bit is set and the break function is
activated.
Duty cycle
register
Auto-reload
register
t
4095
000
With OE=1
and OPx=0
(ATR)
(DCRx)
With OE=1
and OPx=1
COUNTER
t
FFDh
FFEh
FFFh
FFDh
FFEh
FFFh
FFDh
FFEh
DCRx=000h
DCRx=FFDh
DCRx=FFEh
DCRx=000h
ATR= FFDh
fCOUNTER



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com