Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST7LITE20F2 Datasheet(PDF) 48 Page - STMicroelectronics

Part # ST7LITE20F2
Description  8-bit microcontroller with single voltage Flash memory, data EEPROM, ADC, Timers, SPI
PDF  166 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7LITE20F2 Datasheet(HTML) 48 Page - STMicroelectronics

Back Button ST7LITE20F2 Datasheet HTML 44Page - STMicroelectronics ST7LITE20F2 Datasheet HTML 45Page - STMicroelectronics ST7LITE20F2 Datasheet HTML 46Page - STMicroelectronics ST7LITE20F2 Datasheet HTML 47Page - STMicroelectronics ST7LITE20F2 Datasheet HTML 48Page - STMicroelectronics ST7LITE20F2 Datasheet HTML 49Page - STMicroelectronics ST7LITE20F2 Datasheet HTML 50Page - STMicroelectronics ST7LITE20F2 Datasheet HTML 51Page - STMicroelectronics ST7LITE20F2 Datasheet HTML 52Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 166 page
background image
Interrupts
ST7LITE20F2 ST7LITE25F2 ST7LITE29F2
48/166
Doc ID 8349 Rev 5
Table 12.
Interrupt mapping
No.
Source
block
Description
Register
label
Priority
order
Exit from
HALT or
AWUF
Exit
from
ACTIVE-
HALT
Address
vector
RESET
Reset
N/A
Highest
priority
Lowest
priority
yes
yes
FFFEh-FFFFh
TRAP
Software interrupt
no
no
FFFCh-FFFDh
0
AWU
Auto-wakeup interrupt
AWUCSR
yes (1)
FFFAh-FFFBh
1
ei0
External interrupt 0
N/A
yes
FFF8h-FFF9h
2
ei1
External interrupt 1
FFF6h-FFF7h
3
ei2
External interrupt 2
FFF4h-FFF5h
4
ei3
External interrupt 3
FFF2h-FFF3h
5
Lite timer
LITE TIMER RTC2 interrupt
LTCSR2
no
FFF0h-FFF1h
6
Not used
FFEEh-FFEFh
7
SI
AVD interrupt
SICSR
no
no
FFECh-FFEDh
8
AT timer
AT TIMER output compare
interrupt or input capture
interrupt
PWMxCSR
or ATCSR
FFEAh-FFEBh
9
AT TIMER overflow interrupt
ATCSR
yes
FFE8h-FFE9h
10
Lite timer
LITE TIMER input capture
interrupt
LTCSR
no
FFE6h-FFE7h
11
LITE TIMER RTC1 interrupt
LTCSR
yes
FFE4h-FFE5h
12
SPI
SPI peripheral interrupts
SPICSR
yes
no
FFE2h-FFE3h
13
Not used
FFE0h-FFE1h
1.
This interrupt exits the MCU from “Auto-wakeup from HALT” mode only.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com