Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST7LITE20F2 Datasheet(PDF) 47 Page - STMicroelectronics

Part # ST7LITE20F2
Description  8-bit microcontroller with single voltage Flash memory, data EEPROM, ADC, Timers, SPI
PDF  166 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7LITE20F2 Datasheet(HTML) 47 Page - STMicroelectronics

Back Button ST7LITE20F2 Datasheet HTML 43Page - STMicroelectronics ST7LITE20F2 Datasheet HTML 44Page - STMicroelectronics ST7LITE20F2 Datasheet HTML 45Page - STMicroelectronics ST7LITE20F2 Datasheet HTML 46Page - STMicroelectronics ST7LITE20F2 Datasheet HTML 47Page - STMicroelectronics ST7LITE20F2 Datasheet HTML 48Page - STMicroelectronics ST7LITE20F2 Datasheet HTML 49Page - STMicroelectronics ST7LITE20F2 Datasheet HTML 50Page - STMicroelectronics ST7LITE20F2 Datasheet HTML 51Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 166 page
background image
ST7LITE20F2 ST7LITE25F2 ST7LITE29F2
Interrupts
Doc ID 8349 Rev 5
47/166
The external interrupt polarity is selected through the miscellaneous register or interrupt
register (if available).
An external interrupt triggered on edge will be latched and the interrupt request
automatically cleared upon entering the interrupt service routine.
Note:
The type of sensitivity defined in the Miscellaneous or Interrupt register (if available) applies
to the ei source. In case of a NANDed source (as described in Section 10: I/O ports), a low
level on an I/O pin configured as input with interrupt, masks the interrupt request even in
case of rising edge sensitivity.
8.3
Peripheral interrupts
Different peripheral interrupt flags in the status register are able to cause an interrupt when
they are active if both:
●
The I bit of the CC register is cleared.
●
The corresponding enable bit is set in the control register.
If any of these two conditions is false, the interrupt is latched and thus remains pending.
Clearing an interrupt request is done by:
●
writing “0” to the corresponding bit in the status register or
●
access to the status register while the flag is set followed by a read or write of an
associated register.
Note:
The clearing sequence resets the internal latch. A pending interrupt (i.e. waiting for being
enabled) will therefore be lost if the clear sequence is executed.
Figure 20. Interrupt processing flowchart
I BIT SET?
Y
N
IRET?
Y
N
FROM RESET
LOAD PC FROM INTERRUPT VECTOR
STACK PC, X, A, CC
SET I BIT
FETCH NEXT INSTRUCTION
EXECUTE INSTRUCTION
THIS CLEARS I BIT BY DEFAULT
RESTORE PC, X, A, CC FROM STACK
INTERRUPT
Y
N
PENDING?



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com