Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST7LITE20F2 Datasheet(PDF) 83 Page - STMicroelectronics

Part # ST7LITE20F2
Description  8-bit microcontroller with single voltage Flash memory, data EEPROM, ADC, Timers, SPI
PDF  166 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7LITE20F2 Datasheet(HTML) 83 Page - STMicroelectronics

Back Button ST7LITE20F2 Datasheet HTML 79Page - STMicroelectronics ST7LITE20F2 Datasheet HTML 80Page - STMicroelectronics ST7LITE20F2 Datasheet HTML 81Page - STMicroelectronics ST7LITE20F2 Datasheet HTML 82Page - STMicroelectronics ST7LITE20F2 Datasheet HTML 83Page - STMicroelectronics ST7LITE20F2 Datasheet HTML 84Page - STMicroelectronics ST7LITE20F2 Datasheet HTML 85Page - STMicroelectronics ST7LITE20F2 Datasheet HTML 86Page - STMicroelectronics ST7LITE20F2 Datasheet HTML 87Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 83 / 166 page
background image
ST7LITE20F2 ST7LITE25F2 ST7LITE29F2
On-chip peripherals
Doc ID 8349 Rev 5
83/166
Input capture register high (ATICRH)
Read only
Reset Value: 0000 0000 (00h)
Input capture register low (ATICRL)
Read only
Reset Value: 0000 0000 (00h)
●
Bits 15:12 = Reserved.
●
Bits 11:0 =
ICR[11:0] Input capture data.
This is a 12-bit register which is readable by software and cleared by hardware after a
reset. The ATICR register contains captured the value of the 12-bit CNTR register when
a rising or falling edge occurs on the ATIC pin. Capture will only be performed when the
ICF flag is cleared.
Transfer control register (TRANCR)
Read/Write
Reset Value: 0000 0001 (01h)
●
Bits 7:1 Reserved. Forced by hardware to 0.
●
Bit 0 =
TRAN Transfer enable
This bit is read/write by software, cleared by hardware after each completed transfer
and set by hardware after reset.
It allows the value of the DCRx registers to be transferred to the DCRx shadow
registers after the next overflow event.
The OPx bits are transferred to the shadow OPx bits in the same way.
15
8
0
0
0
0
ICR11
ICR10
ICR9
ICR8
7
0
ICR7
ICR6
ICR5
ICR4
ICR3
ICR2
ICR1
ICR0
7
0
000
000
0
TRAN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com