Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST7LITE20F2 Datasheet(PDF) 74 Page - STMicroelectronics

Part # ST7LITE20F2
Description  8-bit microcontroller with single voltage Flash memory, data EEPROM, ADC, Timers, SPI
PDF  166 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7LITE20F2 Datasheet(HTML) 74 Page - STMicroelectronics

Back Button ST7LITE20F2 Datasheet HTML 70Page - STMicroelectronics ST7LITE20F2 Datasheet HTML 71Page - STMicroelectronics ST7LITE20F2 Datasheet HTML 72Page - STMicroelectronics ST7LITE20F2 Datasheet HTML 73Page - STMicroelectronics ST7LITE20F2 Datasheet HTML 74Page - STMicroelectronics ST7LITE20F2 Datasheet HTML 75Page - STMicroelectronics ST7LITE20F2 Datasheet HTML 76Page - STMicroelectronics ST7LITE20F2 Datasheet HTML 77Page - STMicroelectronics ST7LITE20F2 Datasheet HTML 78Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 74 / 166 page
background image
On-chip peripherals
ST7LITE20F2 ST7LITE25F2 ST7LITE29F2
74/166
Doc ID 8349 Rev 5
11.2.2
Main features
●
12-bit upcounter with 12-bit autoreload register (ATR)
●
Maskable overflow interrupt
●
Generation of four independent PWMx signals
●
Frequency 2 kHz-4 MHz (@ 8 MHz fCPU)
–
programmable duty-cycles
–
polarity control
–
programmable output modes
–
maskable Compare interrupt
●
Input capture
–
12-bit input capture register (ATICR)
–
triggered by rising and falling edges
–
maskable IC interrupt.
Figure 34. Block diagram
11.2.3
Functional description
PWM mode
This mode allows up to four Pulse Width Modulated signals to be generated on the PWMx
output pins. The PWMx output signals can be enabled or disabled using the OEx bits in the
PWMCR register.
ATCSR
CMPIE
OVFIE
OVF
CK0
CK1
ICIE
ICF
0
12-bit autoreload register
12-bit upcounter
CMPF2
CMPF1
CMPF3
CMPF0
CMP
request
OVF interrupt
request
fCPU
ATIC
12-bit input capture register
IC interrupt
request
ATR
ATICR
fCOUNTER
CNTR
32 MHz
(1 ms
fLTIMER
@ 8MHz)
CMPFx bit
polarity
OPx bit
PWMx
Comp-
pare
fPWM
OEx bit
4 PWM channels
interrupt
timebase
DCR0H
DCR0L
Preload
Preload
on OVF Event
12-bit duty cycle value (shadow)
if TRAN=1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com