Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST7LITE20F2 Datasheet(PDF) 102 Page - STMicroelectronics

Part # ST7LITE20F2
Description  8-bit microcontroller with single voltage Flash memory, data EEPROM, ADC, Timers, SPI
PDF  166 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7LITE20F2 Datasheet(HTML) 102 Page - STMicroelectronics

Back Button ST7LITE20F2 Datasheet HTML 98Page - STMicroelectronics ST7LITE20F2 Datasheet HTML 99Page - STMicroelectronics ST7LITE20F2 Datasheet HTML 100Page - STMicroelectronics ST7LITE20F2 Datasheet HTML 101Page - STMicroelectronics ST7LITE20F2 Datasheet HTML 102Page - STMicroelectronics ST7LITE20F2 Datasheet HTML 103Page - STMicroelectronics ST7LITE20F2 Datasheet HTML 104Page - STMicroelectronics ST7LITE20F2 Datasheet HTML 105Page - STMicroelectronics ST7LITE20F2 Datasheet HTML 106Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 102 / 166 page
background image
On-chip peripherals
ST7LITE20F2 ST7LITE25F2 ST7LITE29F2
102/166
Doc ID 8349 Rev 5
Note:
While the SPIF bit is set, all writes to the SPIDR register are inhibited until the SPICSR
register is read.
●
Bit 6 =
WCOL Write collision status (Read only)
This bit is set by hardware when a write to the SPIDR register is done during a transmit
sequence. It is cleared by a software sequence (see Figure 47: Clearing the WCOL bit
(write collision flag) software sequence).
0: No write collision occurred
1: A write collision has been detected.
●
Bit 5 =
OVR SPI Overrun error (Read only)
This bit is set by hardware when the byte currently being received in the shift register is
ready to be transferred into the SPIDR register while SPIF = 1 (See Section : Overrun
condition (OVR)). An interrupt is generated if SPIE = 1 in the SPICR register. The OVR
bit is cleared by software reading the SPICSR register.
0: No overrun error
1: Overrun error detected
●
Bit 4 =
MODF Mode fault flag (Read only).
This bit is set by hardware when the SS pin is pulled low in master mode (see Section :
Master mode fault (MODF)). An SPI interrupt can be generated if SPIE=1 in the SPICR
register. This bit is cleared by a software sequence (An access to the SPICSR register
while MODF=1 followed by a write to the SPICR register).
0: No master mode fault detected
1: A fault in master mode has been detected
●
Bit 3 = Reserved, must be kept cleared.
●
Bit 2 =
SOD SPI output disable
This bit is set and cleared by software. When set, it disables the alternate function of
the SPI output (MOSI in master mode / MISO in slave mode).
0: SPI output enabled (if SPE=1)
1: SPI output disabled.
●
Bit 1 =
SSM SS Management.
This bit is set and cleared by software. When set, it disables the alternate function of
the SPI SS pin and uses the SSI bit value instead. See Section : Slave select
management.
0: Hardware management (SS managed by external pin)
1: Software management (internal SS signal controlled by SSI bit. External SS pin free
for general-purpose I/O).
●
Bit 0 =
SSI SS Internal Mode.
This bit is set and cleared by software. It acts as a “chip select” by controlling the level
of the SS slave select signal when the SSM bit is set.
0: Slave selected
1: Slave deselected.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com