Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

JS28F256P30B95A Datasheet(PDF) 5 Page - Micron Technology

Part # JS28F256P30B95A
Description  Numonyx StrataFlash Embedded Memory
PDF  97 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRON [Micron Technology]
Direct Link  http://www.micron.com
Logo MICRON - Micron Technology

JS28F256P30B95A Datasheet(HTML) 5 Page - Micron Technology

  JS28F256P30B95A Datasheet HTML 1Page - Micron Technology JS28F256P30B95A Datasheet HTML 2Page - Micron Technology JS28F256P30B95A Datasheet HTML 3Page - Micron Technology JS28F256P30B95A Datasheet HTML 4Page - Micron Technology JS28F256P30B95A Datasheet HTML 5Page - Micron Technology JS28F256P30B95A Datasheet HTML 6Page - Micron Technology JS28F256P30B95A Datasheet HTML 7Page - Micron Technology JS28F256P30B95A Datasheet HTML 8Page - Micron Technology JS28F256P30B95A Datasheet HTML 9Page - Micron Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 97 page
background image
August 2008
Datasheet
Order Number: 306666-12
5
P30
1.0
Functional Description
1.1
Introduction
This document provides information about the Numonyx™ StrataFlash® Embedded
Memory (P30) product and describes its features, operation, and specifications.
The Numonyx™ StrataFlash® Embedded Memory (P30) product is the latest generation
of Numonyx™ StrataFlash® memory devices. Offered in 64-Mbit up through 512-Mbit
densities, the P30 device brings reliable, two-bit-per-cell storage technology to the
embedded flash market segment. Benefits include more density in less space, high-
speed interface, lowest cost-per-bit NOR device, and support for code and data
storage. Features include high-performance synchronous-burst read mode, fast
asynchronous access times, low power, flexible security options, and three industry
standard package choices. The P30 product family is manufactured using Intel* 130 nm
ETOX™ VIII process technology.
The P30 product family is also planned on the Intel* 65nm process lithography. 65nm
AC timing changes are noted in this datasheet, and should be taken into account for all
new designs.
1.2
Overview
This section provides an overview of the features and capabilities of the P30.
The P30 family provides density upgrades from 64-Mbit through 512-Mbit. This family
of devices provides high performance at low voltage on a 16-bit data bus. Individually
erasable memory blocks are sized for optimum code and data storage.
Upon initial power up or return from reset, the device defaults to asynchronous page-
mode read. Configuring the Read Configuration Register enables synchronous burst-
mode reads. In synchronous burst mode, output data is synchronized with a user-
supplied clock signal. A WAIT signal provides an easy CPU-to-flash memory
synchronization.
In addition to the enhanced architecture and interface, the device incorporates
technology that enables fast factory program and erase operations. Designed for low-
voltage systems, the
P30 supports read operations with VCC at 1.8 V, and erase and program operations with
VPP at 1.8 V or 9.0 V. Buffered Enhanced Factory Programming (BEFP) provides the
fastest flash array programming performance with VPP at 9.0 V, which increases factory
throughput. With VPP at 1.8 V, VCC and VPP can be tied together for a simple, ultra low
power design. In addition to voltage flexibility, a dedicated VPP connection provides
complete data protection when VPP ≤ VPPLK.
A Command User Interface (CUI) is the interface between the system processor and all
internal operations of the device. An internal Write State Machine (WSM) automatically
executes the algorithms and timings necessary for block erase and program. A Status
Register indicates erase or program completion and any errors that may have occurred.
An industry-standard command sequence invokes program and erase automation. Each
erase operation erases one block. The Erase Suspend feature allows system software to
pause an erase cycle to read or program data in another block. Program Suspend
allows system software to pause programming to read other locations. Data is
programmed in word increments (16 bits).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com