Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

JS28F256P30B95A Datasheet(PDF) 67 Page - Micron Technology

Part # JS28F256P30B95A
Description  Numonyx StrataFlash Embedded Memory
PDF  97 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRON [Micron Technology]
Direct Link  http://www.micron.com
Logo MICRON - Micron Technology

JS28F256P30B95A Datasheet(HTML) 67 Page - Micron Technology

Back Button JS28F256P30B95A Datasheet HTML 63Page - Micron Technology JS28F256P30B95A Datasheet HTML 64Page - Micron Technology JS28F256P30B95A Datasheet HTML 65Page - Micron Technology JS28F256P30B95A Datasheet HTML 66Page - Micron Technology JS28F256P30B95A Datasheet HTML 67Page - Micron Technology JS28F256P30B95A Datasheet HTML 68Page - Micron Technology JS28F256P30B95A Datasheet HTML 69Page - Micron Technology JS28F256P30B95A Datasheet HTML 70Page - Micron Technology JS28F256P30B95A Datasheet HTML 71Page - Micron Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 67 / 97 page
background image
August 2008
Datasheet
Order Number: 306666-12
67
P30
16.0
Program and Erase Characteristics
Table 34: Program and Erase Specifications
Num
Symbol
Parameter
VPPL
VPPH
Units
Notes
Min
Typ
Max
Min
Typ
Max
Conventional Word Programming
W200
tPROG/W
Program
Time
Single word - 130nm
-
90
200
-
85
190
µs
1
Single word - 65nm
-
150
456
-
150
456
Single cell
-
30
60
-
30
60
Buffered Programming
W200
tPROG/W
Program
Time
Single word
-
90
200
-
85
190
µs
1
W251
tBUFF
32-word buffer
-
440
880
-
340
680
Buffered Enhanced Factory Programming
W451
tBEFP/W
Program
Single word
n/a
n/a
n/a
-
10
-
µs
1,2
W452
tBEFP/Setup
BEFP Setup
n/a
n/a
n/a
5
-
-
1
Erasing and Suspending
W500
tERS/PB
Erase Time
32-KByte Parameter
-
0.4
2.5
-
0.4
2.5
s
1
W501
tERS/MB
128-KByte Main
-
1.2
4.0
-
1.0
4.0
W600
tSUSP/P
Suspend
Latency
Program suspend
-
20
25
-
20
25
µs
W601
tSUSP/E
Erase suspend
-
20
25
-
20
25
W602
tERS/SUSP
Erase to Suspend
-
500
-
-
500
-
1,3
Notes:
1.
Typical values measured at TC = +25 °C and nominal voltages. Performance numbers are valid for all speed versions. Excludes system
overhead. Sampled, but not 100% tested.
2.
Averaged over entire device.
3.
W602 is the typical time between an initial block erase or erase resume command and the a subsequent erase suspend
command. Violating the specification repeatedly during any particular block erase may cause erase failures.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com