Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

JS28F256P30B95A Datasheet(PDF) 29 Page - Micron Technology

Part # JS28F256P30B95A
Description  Numonyx StrataFlash Embedded Memory
PDF  97 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRON [Micron Technology]
Direct Link  http://www.micron.com
Logo MICRON - Micron Technology

JS28F256P30B95A Datasheet(HTML) 29 Page - Micron Technology

Back Button JS28F256P30B95A Datasheet HTML 25Page - Micron Technology JS28F256P30B95A Datasheet HTML 26Page - Micron Technology JS28F256P30B95A Datasheet HTML 27Page - Micron Technology JS28F256P30B95A Datasheet HTML 28Page - Micron Technology JS28F256P30B95A Datasheet HTML 29Page - Micron Technology JS28F256P30B95A Datasheet HTML 30Page - Micron Technology JS28F256P30B95A Datasheet HTML 31Page - Micron Technology JS28F256P30B95A Datasheet HTML 32Page - Micron Technology JS28F256P30B95A Datasheet HTML 33Page - Micron Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 97 page
background image
August 2008
Datasheet
Order Number: 306666-12
29
P30
8.0
Program Operation
The device supports three programming methods: Word Programming (40h/10h),
Buffered Programming (E8h, D0h), and Buffered Enhanced Factory Programming (80h,
D0h). See
Section 5.0, “Bus Operations” on page 22 for details on the various programming
commands issued to the device. The following sections describe device programming in
detail.
Successful programming requires the addressed block to be unlocked. If the block is
locked down, WP# must be deasserted and the block must be unlocked before
attempting to program the block. Attempting to program a locked block causes a
program error (SR[4] and SR[1] set) and termination of the operation. See Section
10.0, “Security Modes” on page 37 for details on locking and unlocking blocks.
The Product Name is segmented into multiple 8-Mbit Programming Regions. See
Section 1.4, “Memory Maps” on page 7 for complete addressing. Execute in Place (XIP)
applications must partition the memory such that code and data are in separate
programming regions. XIP is executing code directly from flash memory. Each
Programming Region should contain only code or data but not both. The following
terms define the difference between code and data. System designs must use these
definitions when partitioning their code and data for the P30 device.
• Code: Execution code ran out of the flash device on a continuous basis in the
system.
• Data: Information periodically programmed into the flash device and read back
(e.g. execution code shadowed and executed in RAM, pictures, log files, etc.).
8.1
Word Programming
Word programming operations are initiated by writing the Word Program Setup
command to the device (see Section 5.0, “Bus Operations” on page 22). This is
followed by a second write to the device with the address and data to be programmed.
The device outputs Status Register data when read. See Figure 34, “Word Program
Flowchart” on page 80. VPP must be above VPPLK, and within the specified VPPL min/
max values.
During programming, the Write State Machine (WSM) executes a sequence of
internally-timed events that program the desired data bits at the addressed location,
and verifies that the bits are sufficiently programmed. Programming the flash memory
array changes “ones” to “zeros”. Memory array bits that are zeros can be changed to
ones only by erasing the block (see Section 9.0, “Erase Operations” on page 35).
The Status Register can be examined for programming progress and errors by reading
at any address. The device remains in the Read Status Register state until another
command is written to the device.
Status Register bit SR[7] indicates the programming status while the sequence
executes. Commands that can be issued to the device during programming are
Program Suspend, Read Status Register, Read Device Identifier, Read CFI, and Read
Array (this returns unknown data).
When programming has finished, Status Register bit SR[4] (when set) indicates a
programming failure. If SR[3] is set, the WSM could not perform the word
programming operation because VPP was outside of its acceptable limits. If SR[1] is set,
the word programming operation attempted to program a locked block, causing the
operation to abort.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com