Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

JS28F256P30B95A Datasheet(PDF) 31 Page - Micron Technology

Part # JS28F256P30B95A
Description  Numonyx StrataFlash Embedded Memory
PDF  97 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRON [Micron Technology]
Direct Link  http://www.micron.com
Logo MICRON - Micron Technology

JS28F256P30B95A Datasheet(HTML) 31 Page - Micron Technology

Back Button JS28F256P30B95A Datasheet HTML 27Page - Micron Technology JS28F256P30B95A Datasheet HTML 28Page - Micron Technology JS28F256P30B95A Datasheet HTML 29Page - Micron Technology JS28F256P30B95A Datasheet HTML 30Page - Micron Technology JS28F256P30B95A Datasheet HTML 31Page - Micron Technology JS28F256P30B95A Datasheet HTML 32Page - Micron Technology JS28F256P30B95A Datasheet HTML 33Page - Micron Technology JS28F256P30B95A Datasheet HTML 34Page - Micron Technology JS28F256P30B95A Datasheet HTML 35Page - Micron Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 97 page
background image
August 2008
Datasheet
Order Number: 306666-12
31
P30
If an attempt is made to program past an erase-block boundary using the Buffered
Program command, the device aborts the operation. This generates a command
sequence error, and Status Register bits SR[5,4] are set.
If Buffered programming is attempted while VPP is below VPPLK, Status Register bits
SR[4,3] are set. If any errors are detected that have set Status Register bits, the
Status Register should be cleared using the Clear Status Register command.
8.4
Buffered Enhanced Factory Programming
Buffered Enhanced Factory Programing (BEFP) speeds up Multi-Level Cell (MLC) flash
programming. The enhanced programming algorithm used in BEFP eliminates
traditional programming elements that drive up overhead in device programmer
systems.
BEFP consists of three phases: Setup, Program/Verify, and Exit (see Figure 37, “BEFP
Flowchart” on page 83). It uses a write buffer to spread MLC program performance
across 32 data words. Verification occurs in the same phase as programming to
accurately program the flash memory cell to the correct bit state.
A single two-cycle command sequence programs the entire block of data. This
enhancement eliminates three write cycles per buffer: two commands and the word
count for each set of 32 data words. Host programmer bus cycles fill the device’s write
buffer followed by a status check. SR[0] indicates when data from the buffer has been
programmed into sequential flash memory array locations.
Following the buffer-to-flash array programming sequence, the Write State Machine
(WSM) increments internal addressing to automatically select the next 32-word array
boundary. This aspect of BEFP saves host programming equipment the address-bus
setup overhead.
With adequate continuity testing, programming equipment can rely on the WSM’s
internal verification to ensure that the device has programmed properly. This eliminates
the external post-program verification and its associated overhead.
8.4.1
BEFP Requirements and Considerations
Note:
1.
Word buffer boundaries in the array are determined by A[4:0] (0x00 through 0x1F). The alignment start point is A[4:0] =
0x00.
Table 15: BEFP Requirements
Parameter/Issue
Requirement
Notes
Case Temperature
TC = 25 °C ± 5 °C
VCC
Within operating range
VPP
Driven to VPPH
Setup and Confirm
Target block unlocked before issuing the BEFP Setup and Confirm commands
Programming
The first-word address (WA0) of the block to be programmed must be held constant
from the setup phase through all data streaming into the target block, until transition
to the exit phase is desired
Buffer Alignment
WA0 must align with the start of an array buffer boundary
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com