Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

JS28F256P30B95A Datasheet(PDF) 95 Page - Micron Technology

Part # JS28F256P30B95A
Description  Numonyx StrataFlash Embedded Memory
PDF  97 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRON [Micron Technology]
Direct Link  http://www.micron.com
Logo MICRON - Micron Technology

JS28F256P30B95A Datasheet(HTML) 95 Page - Micron Technology

Back Button JS28F256P30B95A Datasheet HTML 89Page - Micron Technology JS28F256P30B95A Datasheet HTML 90Page - Micron Technology JS28F256P30B95A Datasheet HTML 91Page - Micron Technology JS28F256P30B95A Datasheet HTML 92Page - Micron Technology JS28F256P30B95A Datasheet HTML 93Page - Micron Technology JS28F256P30B95A Datasheet HTML 94Page - Micron Technology JS28F256P30B95A Datasheet HTML 95Page - Micron Technology JS28F256P30B95A Datasheet HTML 96Page - Micron Technology JS28F256P30B95A Datasheet HTML 97Page - Micron Technology  
Zoom Inzoom in Zoom Outzoom out
 95 / 97 page
background image
August 2008
Datasheet
Order Number: 306666-12
95
P30
Appendix B Conventions - Additional Information
B.1
Conventions
B.2
Acronyms
VCC:
Signal or voltage connection
VCC:
Signal or voltage level
0x:
Hexadecimal number prefix
0b:
Binary number prefix
SR[4]:
Denotes an individual register bit.
A[15:0]:
Denotes a group of similarly named signals, such as address or data bus.
A5:
Denotes one element of a signal group membership, such as an individual address bit.
Bit:
Binary unit
Byte:
Eight bits
Word:
Two bytes, or sixteen bits
Kbit:
1024 bits
KByte:
1024 bytes
KWord:
1024 words
Mbit:
1,048,576 bits
MByte:
1,048,576 bytes
MWord:
1,048,576 words
BEFP:
Buffer Enhanced Factory Programming
CUI:
Command User Interface
MLC:
Multi-Level Cell
OTP:
One-Time Programmable
PLR:
Protection Lock Register
PR:
Protection Register
RCR:
Read Configuration Register
RFU:
Reserved for Future Use
SR:
Status Register
WSM:
Write State Machine



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com