Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

JS28F256P30B95A Datasheet(PDF) 97 Page - Micron Technology

Part # JS28F256P30B95A
Description  Numonyx StrataFlash Embedded Memory
PDF  97 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRON [Micron Technology]
Direct Link  http://www.micron.com
Logo MICRON - Micron Technology

JS28F256P30B95A Datasheet(HTML) 97 Page - Micron Technology

Back Button JS28F256P30B95A Datasheet HTML 89Page - Micron Technology JS28F256P30B95A Datasheet HTML 90Page - Micron Technology JS28F256P30B95A Datasheet HTML 91Page - Micron Technology JS28F256P30B95A Datasheet HTML 92Page - Micron Technology JS28F256P30B95A Datasheet HTML 93Page - Micron Technology JS28F256P30B95A Datasheet HTML 94Page - Micron Technology JS28F256P30B95A Datasheet HTML 95Page - Micron Technology JS28F256P30B95A Datasheet HTML 96Page - Micron Technology JS28F256P30B95A Datasheet HTML 97Page - Micron Technology  
Zoom Inzoom in Zoom Outzoom out
 97 / 97 page
background image
August 2008
Datasheet
Order Number: 306666-12
97
P30
Appendix C Revision History
Revision Date
Revision
Description
April 2005
-001
Initial Release
August 2005
-002
Revised discrete memory maps in
Section 1.4, “Memory Maps” on
page 7
Added memory maps for 512-Mbit top parameter devices in
Section 1.4,
“Memory Maps” on page 7
Fixed size of Programming Region for 256-Mbit to be 8-Mbit in
Section 1.4,
“Memory Maps” on page 7 and Section 8.0, “Program Operation”
on page 29
Removed power supply sequencing requirement in
Section 12.1, “Power-Up
and Power-Down” on page 50
Updated conditions for
Table 29, “Capacitance” on page 56
Updated CFI table in
Appendix A, “Common Flash Interface Tables”
September 2005
-003
Added note to
Table 14, “Device ID codes” on page 28 for stacked
Device ID codes
Synchronous burst read operation is currently not supported for the TSOP package
Updated 512-Mbit Easy BGA Ball Height (symbol A1) in
Figure 2, “Easy BGA
Mechanical Specifications” on page 11
November 2005
-004
Updated read access speed for 265M TSOP package
February 2006
-005
Removed all references to 1 Gigabit.
April 2006
-006
• Added 52 MHz capabilities,
• Added TSOP Package information for 512 Mb throughout the document,
•Added
Section 1.3, “Virtual Chip Enable Description” on
page 6,
• Modified figures in
Section 4.1, “Dual-Die Configurations” on
page 21,
•Modified
Table 5, “512-Mbit Top and Bottom Parameter
Memory Map (Easy BGA and QUAD+ SCSP)” on page 9,
• Modified Notes 5 & 6 to Reset Specifications table in
Section 12.2,
“Reset Specifications” on page 50,
• Added additional note on 512 Mb capability in
Table 17, “Selectable
OTP Block Mapping” on page 39.
May 2006
-007
• Updated the following tables to 52 MHz:
Table 30, “AC Read
Specifications for 64/128- Mbit Densities” on page 56 and
Table 31, “AC Read Specifications for 256/512-Mbit
Densities” on page 57.
May-2006
-008
• Added notes 1, 2, and 3 to
Table 29, “Capacitance” on page 56.
June - 2007
-009
• Correct typos and add clarifications
• Enabled specific burst operation on TSOP packages.
• Updated device commands table.
• Updaed description on synchronous burst operation.
• Added EOWL description.
• Updated flowcharts
November 2007
-010
• Updated for 65nm lithography
• Added W602 - Erase to Suspend
November 2007
11
• Applied Numonyx branding.
August 2008
12
• Corrected single word (65 nm) program time from 125 (typ) and 150 (max) to
150 (typ) and 456 (max) in
Table 34, “Program and Erase
Specifications” on page 67.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com