Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

JS28F256P30B95A Datasheet(PDF) 37 Page - Micron Technology

Part # JS28F256P30B95A
Description  Numonyx StrataFlash Embedded Memory
PDF  97 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRON [Micron Technology]
Direct Link  http://www.micron.com
Logo MICRON - Micron Technology

JS28F256P30B95A Datasheet(HTML) 37 Page - Micron Technology

Back Button JS28F256P30B95A Datasheet HTML 33Page - Micron Technology JS28F256P30B95A Datasheet HTML 34Page - Micron Technology JS28F256P30B95A Datasheet HTML 35Page - Micron Technology JS28F256P30B95A Datasheet HTML 36Page - Micron Technology JS28F256P30B95A Datasheet HTML 37Page - Micron Technology JS28F256P30B95A Datasheet HTML 38Page - Micron Technology JS28F256P30B95A Datasheet HTML 39Page - Micron Technology JS28F256P30B95A Datasheet HTML 40Page - Micron Technology JS28F256P30B95A Datasheet HTML 41Page - Micron Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 97 page
background image
August 2008
Datasheet
Order Number: 306666-12
37
P30
10.0
Security Modes
The device features security modes used to protect the information stored in the flash
memory array. The following sections describe each security mode in detail.
10.1
Block Locking
Individual instant block locking is used to protect user code and/or data within the flash
memory array. All blocks power up in a locked state to protect array data from being
altered during power transitions. Any block can be locked or unlocked with no latency.
Locked blocks cannot be programmed or erased; they can only be read.
Software-controlled security is implemented using the Block Lock and Block Unlock
commands. Hardware-controlled security can be implemented using the Block Lock-
Down command along with asserting WP#. Also, VPP data security can be used to
inhibit program and erase operations (see Section 8.7, “Program Protection” on
page 34 and Section 9.4, “Erase Protection” on page 36).
The P30 device also offers four pre-defined areas in the main array that can be
configured as One-Time Programmable (OTP) for the highest level of security. These
include the four 32 KB parameter blocks together as one and the three adjacent 128 KB
main blocks. This is available for top or bottom parameter devices.
10.1.1
Lock Block
To lock a block, issue the Lock Block Setup command. The next command must be the Lock Block command
issued to the desired block’s address (see Section 6.0, “Command Set” on page 24 and Figure 40,
“Block Lock Operations Flowchart” on page 86). If the Set Read Configuration Register
command is issued after the Block Lock Setup command, the device configures the RCR
instead.
Block lock and unlock operations are not affected by the voltage level on VPP. The block
lock bits may be modified and/or read even if VPP is at or below VPPLK.
10.1.2
Unlock Block
The Unlock Block command is used to unlock blocks (see Section 6.0, “Command Set”
on page 24). Unlocked blocks can be read, programmed, and erased. Unlocked blocks
return to a locked state when the device is reset or powered down. If a block is in a
lock-down state, WP# must be deasserted before it can be unlocked (see Figure 12,
“Block Locking State Diagram” on page 38).
10.1.3
Lock-Down Block
A locked or unlocked block can be locked-down by writing the Lock-Down Block
command sequence (see Section 6.0, “Command Set” on page 24). Blocks in a lock-
down state cannot be programmed or erased; they can only be read. However, unlike
locked blocks, their locked state cannot be changed by software commands alone. A
locked-down block can only be unlocked by issuing the Unlock Block command with
WP# deasserted. To return an unlocked block to locked-down state, a Lock-Down
command must be issued prior to changing WP# to VIL. Locked-down blocks revert to
the locked state upon reset or power up the device (see Figure 12, “Block Locking State
Diagram” on page 38).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com