Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

JS28F256P30B95A Datasheet(PDF) 69 Page - Micron Technology

Part # JS28F256P30B95A
Description  Numonyx StrataFlash Embedded Memory
PDF  97 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRON [Micron Technology]
Direct Link  http://www.micron.com
Logo MICRON - Micron Technology

JS28F256P30B95A Datasheet(HTML) 69 Page - Micron Technology

Back Button JS28F256P30B95A Datasheet HTML 65Page - Micron Technology JS28F256P30B95A Datasheet HTML 66Page - Micron Technology JS28F256P30B95A Datasheet HTML 67Page - Micron Technology JS28F256P30B95A Datasheet HTML 68Page - Micron Technology JS28F256P30B95A Datasheet HTML 69Page - Micron Technology JS28F256P30B95A Datasheet HTML 70Page - Micron Technology JS28F256P30B95A Datasheet HTML 71Page - Micron Technology JS28F256P30B95A Datasheet HTML 72Page - Micron Technology JS28F256P30B95A Datasheet HTML 73Page - Micron Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 69 / 97 page
background image
August 2008
Datasheet
Order Number: 306666-12
69
P30
17.2
SCSP Products
Note:
For 512-Mbit only, “B” is used for both top and bottom Parameter/Mux configurations.
Note:
* The “B” parameter is used for both “top” and “bottom” options in the 512-Mbit density.
Figure 33: Decoder for SCSP P30
Table 36: Valid Combinations for Dual- Die Products
64-Mbit
128-Mbit
256-Mbit
512-Mbit*
RD48F2000P0ZBQ0
RD48F3000P0ZBQ0
RD48F4000P0ZBQ0
RD48F4400P0VBQ0
RD48F2000P0ZTQ0
RD48F3000P0ZTQ0
RD48F4000P0ZTQ0
PF48F4400P0VBQ0
PF48F2000P0ZBQ0
PF48F3000P0ZBQ0
PF48F4000P0ZBQ0
RC48F4400P0VB00
PF48F2000P0ZTQ0
PF48F3000P0ZTQ0
PF48F4000P0ZTQ0
PC48F4400P0VB00
TE48F4400P0VB00
JS48F4400P0VB00
F 4 0
P 0 Z B
8
D 4
R
0 0
Q
G roup De signator
48F = Flash Memory only
P ackag e D esign ator
RD = Intel® SCSP, leaded
P F = Intel® SCSP, lead-free
RC = 64-Ball Easy BGA, leaded
P C = 64-Ball Easy BGA, lead-free
TE = 56-Lead TSOP , leaded
JS = 56-Lead TSOP, lead-free
Flash Density
0 = No die
2 = 64-Mbit
3 = 128-M bit
4 = 256-M bit
0
P ro duc t Fam ily
P = Intel StrataFlash® Em bedded M em ory
0 = No die
De vice D etails
0 = Original version of the product
(refer to the latest version of the
datasheet for details)
Ba llout Designator
Q = QUAD+ ballout
0 = Discrete ballout
Param ete r, M u x C onfig uration
B = Bottom Param eter, Non Mux
T = Top Param eter, Non M ux
I/O V oltag e, C E# C on figu ratio n
Z = Individual Chip Enable(s)
V = Virtual Chip E nable(s)
VCC = 1.7 V – 2.0 V
VCCQ = 1.7 V – 3.6 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com