Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

JS28F256P30B95A Datasheet(PDF) 39 Page - Micron Technology

Part # JS28F256P30B95A
Description  Numonyx StrataFlash Embedded Memory
PDF  97 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRON [Micron Technology]
Direct Link  http://www.micron.com
Logo MICRON - Micron Technology

JS28F256P30B95A Datasheet(HTML) 39 Page - Micron Technology

Back Button JS28F256P30B95A Datasheet HTML 35Page - Micron Technology JS28F256P30B95A Datasheet HTML 36Page - Micron Technology JS28F256P30B95A Datasheet HTML 37Page - Micron Technology JS28F256P30B95A Datasheet HTML 38Page - Micron Technology JS28F256P30B95A Datasheet HTML 39Page - Micron Technology JS28F256P30B95A Datasheet HTML 40Page - Micron Technology JS28F256P30B95A Datasheet HTML 41Page - Micron Technology JS28F256P30B95A Datasheet HTML 42Page - Micron Technology JS28F256P30B95A Datasheet HTML 43Page - Micron Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 97 page
background image
August 2008
Datasheet
Order Number: 306666-12
39
P30
If a block is locked or locked-down during an erase suspend of the same block, the lock
status bits change immediately. However, the erase operation completes when it is
resumed. Block lock operations cannot occur during a program suspend. See Appendix
A, “Write State Machine” on page 87, which shows valid commands during an erase
suspend.
10.2
Selectable One-Time Programmable Blocks
Any of four pre-defined areas from the main array (the four 32-KB parameter blocks
together as one and three adjacent 128 KB main blocks) can be configured as OTP so
further program and erase operations are not allowed. This option is available for top or
bottom parameter devices.
Note:
Please see your local Numonyx representative for details about the Selectable OTP
implementation.
Table 17: Selectable OTP Block Mapping
Density
Top Parameter Configuration
Bottom Parameter Configuration
256-Mbit
blocks 258:255 (parameters)
blocks 3:0 (parameters)
block 254 (main)
block 4 (main)
block 253 (main)
block 5 (main)
block 252 (main)
block 6 (main)
128-Mbit
blocks 130:127 (parameters)
blocks 3:0 (parameters)
block 126 (main)
block 4 (main)
block 125 (main)
block 5 (main)
block 124 (main)
block 6 (main)
64-Mbit
blocks 66:63 (parameters)
blocks 3:0 (parameters)
block 62 (main)
block 4 (main)
block 61 (main)
block 5 (main)
block 60 (main)
block 6 (main)
Notes:
1.
The 512-Mbit devices will have multiple die and selectable OTP areas depending on the placement of the parameter
blocks.
2.
When programming the OTP bits for a Top Parameter Device, the following upper address bits must also be driven
properly: A[Max:17] driven high (VIH) for TSOP and Easy BGA packages, and A[Max:16] driven high (VIH) for QUAD+
SCSP.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com