Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

JS28F256P30B95A Datasheet(PDF) 41 Page - Micron Technology

Part # JS28F256P30B95A
Description  Numonyx StrataFlash Embedded Memory
PDF  97 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRON [Micron Technology]
Direct Link  http://www.micron.com
Logo MICRON - Micron Technology

JS28F256P30B95A Datasheet(HTML) 41 Page - Micron Technology

Back Button JS28F256P30B95A Datasheet HTML 37Page - Micron Technology JS28F256P30B95A Datasheet HTML 38Page - Micron Technology JS28F256P30B95A Datasheet HTML 39Page - Micron Technology JS28F256P30B95A Datasheet HTML 40Page - Micron Technology JS28F256P30B95A Datasheet HTML 41Page - Micron Technology JS28F256P30B95A Datasheet HTML 42Page - Micron Technology JS28F256P30B95A Datasheet HTML 43Page - Micron Technology JS28F256P30B95A Datasheet HTML 44Page - Micron Technology JS28F256P30B95A Datasheet HTML 45Page - Micron Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 97 page
background image
August 2008
Datasheet
Order Number: 306666-12
41
P30
Note:
Always clear the Status Register prior to resuming erase operations. It avoids Status Register
ambiguity when issuing commands during Erase Suspend. If a command sequence error
occurs during an erase-suspend state, the Status Register contains the command sequence
error status (SR[7,5,4] set). When the erase operation resumes and finishes, possible errors
during the erase operation cannot be detected via the Status Register because it contains the
previous error status.
11.1.1
Clear Status Register
The Clear Status Register command clears the status register. It functions independent
of VPP. The Write State Machine (WSM) sets and clears SR[7,6,2], but it sets bits
SR[5:3,1] without clearing them. The Status Register should be cleared before starting
a command sequence to avoid any ambiguity. A device reset also clears the Status
Register.
11.2
Read Configuration Register
The Read Configuration Register (RCR) is used to select the read mode (synchronous or
asynchronous), and it defines the synchronous burst characteristics of the device. To
modify RCR settings, use the Configure Read Configuration Register command (see
Section 6.0, “Command Set” on page 24).
RCR contents can be examined using the Read Device Identifier command, and then
reading from offset 0x05 (see Section 12.0, “Power and Reset Specifications” on
page 50).
The RCR is shown in Table 19. The following sections describe each RCR bit.
2
Program Suspend Status (PSS)
0 = Program suspend not in effect.
1 = Program suspend in effect.
1
Block-Locked Status (BLS)
0 = Block not locked during program or erase.
1 = Block locked during program or erase; operation aborted.
0BEFP Status (BWS)
After Buffered Enhanced Factory Programming (BEFP) data is loaded into the
buffer:
0 = BEFP complete.
1 = BEFP in-progress.
Table 18: Status Register Description (Sheet 2 of 2)
Status Register (SR)
Default Value = 0x80
Table 19: Read Configuration Register Description (Sheet 1 of 2)
Read Configuration Register (RCR)
Read
Mode
RES
Latency Count
WAIT
Polarity
Data
Hold
WAIT
Delay
Burst
Seq
CLK
Edge
RES
RES
Burst
Wrap
Burst Length
RM
R
LC[2:0]
WP
DH
WD
BS
CE
R
R
BW
BL[2:0]
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
Bit
Name
Description
15
Read Mode (RM)
0 = Synchronous burst-mode read
1 = Asynchronous page-mode read (default)
14
Reserved (R)
Reserved bits should be cleared (0)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com