Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

JS28F256P30B95A Datasheet(PDF) 40 Page - Micron Technology

Part # JS28F256P30B95A
Description  Numonyx StrataFlash Embedded Memory
PDF  97 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRON [Micron Technology]
Direct Link  http://www.micron.com
Logo MICRON - Micron Technology

JS28F256P30B95A Datasheet(HTML) 40 Page - Micron Technology

Back Button JS28F256P30B95A Datasheet HTML 36Page - Micron Technology JS28F256P30B95A Datasheet HTML 37Page - Micron Technology JS28F256P30B95A Datasheet HTML 38Page - Micron Technology JS28F256P30B95A Datasheet HTML 39Page - Micron Technology JS28F256P30B95A Datasheet HTML 40Page - Micron Technology JS28F256P30B95A Datasheet HTML 41Page - Micron Technology JS28F256P30B95A Datasheet HTML 42Page - Micron Technology JS28F256P30B95A Datasheet HTML 43Page - Micron Technology JS28F256P30B95A Datasheet HTML 44Page - Micron Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 97 page
background image
P30
Datasheet
August 2008
40
306666-12
11.0
Registers
When non-array reads are performed in asynchronous page mode only the first data is
valid and all subsequent data are undefined. When a non-array read operation occurs
as synchronous burst mode, the same word of data requested will be output on
successive clock edges until the burst length requirements are satisfied.
11.1
Read Status Register
To read the Status Register, issue the Read Status Register command at any address.
Status Register information is available to which the Read Status Register, Word
Program, or Block Erase command was issued. Status Register data is automatically
made available following a Word Program, Block Erase, or Block Lock command
sequence. Reads from the device after any of these command sequences outputs the
device’s status until another valid command is written (e.g. Read Array command).
The Status Register is read using single asynchronous-mode or synchronous burst
mode reads. Status Register data is output on DQ[7:0], while 0x00 is output on
DQ[15:8]. In asynchronous mode the falling edge of OE#, or CE# (whichever occurs
first) updates and latches the Status Register contents. However, reading the Status
Register in synchronous burst mode, CE# or ADV# must be toggled to update status
data.
The Device Write Status bit (SR[7]) provides overall status of the device. Status
register bits SR[6:1] present status and error information about the program, erase,
suspend, VPP, and block-locked operations.
Table 18: Status Register Description (Sheet 1 of 2)
Status Register (SR)
Default Value = 0x80
Device Write
Status
Erase Suspend
Status
Erase Status
Program
Status
VPP Status
Program
Suspend
Status
Block-Locked
Status
BEFP
Status
DWS
ESS
ES
PS
VPPS
PSS
BLS
BWS
7
6543
210
Bit
Name
Description
7
Device Write Status (DWS)
0 = Device is busy; program or erase cycle in progress; SR[0] valid.
1 = Device is ready; SR[6:1] are valid.
6
Erase Suspend Status (ESS)
0 = Erase suspend not in effect.
1 = Erase suspend in effect.
5
Erase Status (ES)
0 = Erase successful.
1 = Erase fail or program sequence error when set with SR[4,7].
4Program Status (PS)
0 = Program successful.
1 = Program fail or program sequence error when set with SR[5,7]
3VPP Status (VPPS)
0 = VPP within acceptable limits during program or erase operation.
1 = VPP < VPPLK during program or erase operation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com